Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6V7 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 35Page - Renesas Technology Corp 6V7 Datasheet HTML 36Page - Renesas Technology Corp 6V7 Datasheet HTML 37Page - Renesas Technology Corp 6V7 Datasheet HTML 38Page - Renesas Technology Corp 6V7 Datasheet HTML 39Page - Renesas Technology Corp 6V7 Datasheet HTML 40Page - Renesas Technology Corp 6V7 Datasheet HTML 41Page - Renesas Technology Corp 6V7 Datasheet HTML 42Page - Renesas Technology Corp 6V7 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 298 page
background image
Rev.1.00
May 18, 2004
page 39 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
The following paragraphs describes the clocks generated by the clock generating circuit.
(1) Main clock
The main clock is generated by the main clock oscillation circuit. After a reset, the clock is divided by
8 to the BCLK. The clock can be stopped using the main clock stop bit (bit 5 at address 000616).
Stopping the clock, after switching the operating clock source of CPU to the sub-clock, reduces the
power dissipation.
After the oscillation of the main clock oscillation circuit has stabilized, the drive capacity of the main
clock oscillation circuit can be reduced using the XIN-XOUT drive capacity select bit (bit 5 at address
000716). Reducing the drive capacity of the main clock oscillation circuit reduces the power dissipa-
tion. This bit changes to “1” when shifting from high-speed/medium-speed mode to stop mode and at
a reset. When shifting from low-speed/low power dissipation mode to stop mode, the value before
stop mode is retained.
(2) Sub-clock
The sub-clock is generated by the sub clock oscillation circuit. No sub clock is generated after a reset.
After oscillation is started using the port Xc select bit (bit 4 at address 000616), the sub-clock can be
selected as the BCLK by using the system clock select bit (bit 7 at address 000616). However, be sure
that the sub-clock oscillation has fully stabilized before switching.
(3) BCLK
The internal clock
φ is the clock that drives the CPU, and is fc or the clock derived by dividing the main
clock by 1, 2, 4, 8, or 16. The BCLK is derived by dividing the main clock by 8 after a reset. The BCLK
signal can be output from pin BCLK by the BCLK output disable bit (bit 7 at address 000416) in the
memory expansion and the microprocessor modes.
The main clock division select bit 0 (bit 6 at address 000616) changes to “1” when shifting from high-
speed/medium-speed to stop mode and at reset. When sifting from low-speed/low power dissipation
mode to stop mode, the value before stop mode is retained.
(4) Peripheral function clock (f1, f8, f32, f1SIO2, f8SIO2, f32SIO2, fAD)
The clock for the peripheral devices is derived by dividing the main clock by 1, 8 or 32. The peripheral
function clock is stopped by stopping the main clock or by setting the WAIT peripheral function clock
stop bit (bit 2 at 000616) to “1” and then executing a WAIT instruction.
(5) fC32
This clock is derived by dividing the sub-clock by 32. It is used for the timer A and timer B counts.
(6) fC
This clock has the same frequency as the sub-clock. It is used for the BCLK and for the watchdog
timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com