Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6V7 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 94Page - Renesas Technology Corp 6V7 Datasheet HTML 95Page - Renesas Technology Corp 6V7 Datasheet HTML 96Page - Renesas Technology Corp 6V7 Datasheet HTML 97Page - Renesas Technology Corp 6V7 Datasheet HTML 98Page - Renesas Technology Corp 6V7 Datasheet HTML 99Page - Renesas Technology Corp 6V7 Datasheet HTML 100Page - Renesas Technology Corp 6V7 Datasheet HTML 101Page - Renesas Technology Corp 6V7 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 298 page
background image
Rev.1.00
May 18, 2004
page 98 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.10.26 Reserved register
Reserved register
b7
b6
b5
b4
b3
b2
b1
b0
Reserved bits
Bit symbol
Bit name
Description
RW
Must always be set to “0”
00
00
0
0
0
0
RUS2S4
RUS2S3
RUS2S2
0374
0375
0376
000000002
000000002
000000002
RUS0S4
RUS0S3
RUS0S2
RUS0S1
03AC
03AD
03AE
03AF
000000002
000000002
000000002
000000002
Symbol
Address
When reset
Reserved register
SymbolAddressWhen reset
ROT1
029E16
XXXXXXX02
Bit nameFunction
Bit symbol
W
R
b7b6b5b4b3b2b1b0
Reserved bit
Must always be set to “0”
Reserved bits
Must always be set to “0”
Reserved register
SymbolAddressWhen reset
ROT2
029F 16
XXX0XXX02
Bit nameFunction
Bit symbol
W
R
b7b6b5b4b3b2b1b0
Nothing is assigned.
In an attempt to write to this bit, write “0.” The value, if read, turns out to be
indeterminate.
Reserved bit
Must always be set to “0”
Nothing is assigned.
In an attempt to write to this bit, write “0.” The value, if read, turns out to be
indeterminate.
Reserved bit
Must always be set to “0”
✕
✕
✕
0
0
0
0
0
0
0
0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com