Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6V7 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 64Page - Renesas Technology Corp 6V7 Datasheet HTML 65Page - Renesas Technology Corp 6V7 Datasheet HTML 66Page - Renesas Technology Corp 6V7 Datasheet HTML 67Page - Renesas Technology Corp 6V7 Datasheet HTML 68Page - Renesas Technology Corp 6V7 Datasheet HTML 69Page - Renesas Technology Corp 6V7 Datasheet HTML 70Page - Renesas Technology Corp 6V7 Datasheet HTML 71Page - Renesas Technology Corp 6V7 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 298 page
background image
Rev.1.00
May 18, 2004
page 68 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.8 Watchdog Timer
The watchdog timer has the function of detecting when the program is out of control. The watchdog timer is
a 15-bit counter which down-counts the clock derived by dividing the BCLK using the prescaler. A watchdog
timer interrupt is generated when an underflow occurs in the watchdog timer. When XIN is selected for the
BCLK
, bit 7 of the watchdog timer control register (address 000F16) selects the prescaler division ratio (by
16 or by 128). When XCIN is selected as the BCLK , the prescaler is set for division by 2 regardless of bit 7
of the watchdog timer control register (address 000F16). Thus the watchdog timer’s period can be calcu-
lated as given below. The watchdog timer’s period is, however, subject to an error due to the pre-scaler.
With XIN chosen for BCLK
Watchdog timer period =
With XCIN chosen for BCLK
Watchdog timer period =
For example suppose that BCLK runs at 16 MHz and that 16 has been chosen for the dividing ratio of the
pre-scaler, then the watchdog timer’s period becomes approximately 32.8 ms.
The watchdog timer is initialized by writing to the watchdog timer start register (address 000E16) and when
a watchdog timer interrupt request is generated. The prescaler is initialized only when the microcomputer is
reset. After a reset is cancelled, the watchdog timer and prescaler are both stopped. The count is started by
writing to the watchdog timer start register (address 000E16).
Figure 2.8.1 shows the block diagram of the watchdog timer. Figure 2.8.2 shows the watchdog timer control
register and Figure 2.8.3 shows the watchdog timer start register.
pre-scaler dividing ratio (16 or 128) ✕ watchdog timer count (32768)
BCLK
pre-scaler dividing ratio (2) ✕ watchdog timer count (32768)
BCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com