Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6V7 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 93Page - Renesas Technology Corp 6V7 Datasheet HTML 94Page - Renesas Technology Corp 6V7 Datasheet HTML 95Page - Renesas Technology Corp 6V7 Datasheet HTML 96Page - Renesas Technology Corp 6V7 Datasheet HTML 97Page - Renesas Technology Corp 6V7 Datasheet HTML 98Page - Renesas Technology Corp 6V7 Datasheet HTML 99Page - Renesas Technology Corp 6V7 Datasheet HTML 100Page - Renesas Technology Corp 6V7 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 298 page
background image
Rev.1.00
May 18, 2004
page 97 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Count source
Measurement pulse
Count start flag
Timing at which counter
reaches "000016"
Timer Bi interrupt
request bit
Timer Bi overflow flag
“1”
“H”
Transfer
(indeterminate
value)
Transfer
(measured value)
Transfer
(measured value)
Transfer
(measured
value)
Reload register
transfer timing
counter
“L”
“0”
“1”
“0”
“1”
“0”
Notes 1: Counter is initialized at completion of measurement.
2: Timer has overflowed.
(Note 1)
(Note 1) (Note 1)
(Note 2)
(Note 1)
Cleared to “0” when interrupt request is accepted, or cleared by software.
Figure 2.10.25 Operation timing when measuring a pulse width
Figure 2.10.24 Operation timing when measuring a pulse period
Count source
Measurement pulse
Count start flag
Timing at which counter
reaches "000016"
Timer Bi interrupt
request bit
Timer Bi overflow flag
“1”
“H”
Transfer
(indeterminate value)
Transfer
(indeterminate value)
Reload register
transfer timing
counter
“L”
“0”
“1”
“0”
“1”
“0”
Notes 1: Counter is initialized at completion of measurement.
2: Timer has overflowed.
(Note 1)
(Note 1)
(Note 2)
Cleared to “0” when interrupt request is accepted, or cleared by software.
When measuring measurement pulse time interval from falling edge to falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com