Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6V7 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 3Page - Renesas Technology Corp 6V7 Datasheet HTML 4Page - Renesas Technology Corp 6V7 Datasheet HTML 5Page - Renesas Technology Corp 6V7 Datasheet HTML 6Page - Renesas Technology Corp 6V7 Datasheet HTML 7Page - Renesas Technology Corp 6V7 Datasheet HTML 8Page - Renesas Technology Corp 6V7 Datasheet HTML 9Page - Renesas Technology Corp 6V7 Datasheet HTML 10Page - Renesas Technology Corp 6V7 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 298 page
background image
Rev.1.00
May 18, 2004
page 7 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Table 1.5.3 Pin description (1)
VCCE, VCCI,
VSS
CNVSS
XIN
XOUT
BYTE
P00 to P07
Signal name
Power supply
input
CNVSS
Reset input
Clock input
Clock output
External data
bus width
select input
I/O port P0
Supply 4.75V to 5.25V to the VCCE pin. Supply 3.15V to 3.45V to the
VCCI pin. Supply 0V to the VSS pin.
Function
This pin switches between processor modes. Connect it to the
VSS pin when operating in single-chip or memory expansion mode.
Connect it to the VCCI pin when in microprocessor mode.
A “L” on this input resets the microcomputer.
These pins are provided for the main clock generating circuit.Connect
a ceramic resonator or crystal between the XIN and the XOUT pins. To
use an externally derived clock, input it to the XIN pin and leave the
XOUT pin open.
This pin selects the width of an external data bus. A 16-bit width is
selected when this input is “L”; an 8-bit width is selected when this
input is “H”. This input must be fixed to either “H” or “L.” When
operating in single-chip mode,connect this pin to VSS.
This is an 8-bit CMOS I/O port. It has an input/output port direction
register that allows the user to set each pin for input or output
individually. When set for input in single-chip mode, the user can specify
in units of four bits via software whether or not they are tied to a pull-up
resistor. In memory expansion and microprocessor modes, the user
cannot specify that.
Pin name
Input
Input
Input
Output
Input
Input/output
I/O type
D0 to D7
P10 to P17
I/O port P1
07
These pins input and output data (D –D ).
This is an 8-bit I/O port equivalent to P0.
Input/output
Input/output
D8 to D15
P20 to P27
A0 to A7
P30 to P37
A8 to A15
P40 to P47
I/O port P2
I/O port P3
I/O port P4
These pins input and output data (D8–D15).
This is an 8-bit I/O port equivalent to P0.
These pins output 8 low-order address bits (A0–A7).
This is an 8-bit I/O port equivalent to P0.
These pins output 8 middle-order address bits (A8–A15).
This is an 8-bit I/O port equivalent to P0.
Input/output
Input/output
Output
Input/output
Output
Input/output
Output
Output
CS0 to CS3,
A16 to A19
These pins output CS0–CS3 signals and A16–A19. CS0–CS3 are chip
select signals used to specify an access space. A16–A19 are 4 high-
order address bits.
RESET
I/O port P5
P50 to P57
This is an 8-bit I/O port equivalent to P0. In single-chip mode, P57 in
this port outputs a divide-by-8 or divide-by-32 clock of XIN or a clock of
the same frequency as XCIN as selected by software.
Output
Output
Output
Output
Output
Input
Output
Input
WRL / WR,
WRH / BHE,
RD,
BCLK,
HLDA,
HOLD,
ALE,
RDY
Output WRL, WRH (WR and BHE), RD, BCLK, HLDA, and ALE
signals. WRL and WRH, and BHE and WR can be switched using
software control.
s WRL, WRH, and RD selected
With a 16-bit external data bus, data is written to even addresses
when the WRL signal is “L” and to the odd addresses when the WRH
signal is “L”. Data is read when RD is “L”.
s WR, BHE, and RD selected
Data is written when WR is “L”. Data is read when RD is “L”. Odd
addresses are accessed when BHE is “L”. Use this mode when using
an 8-bit external data bus.
While the input level at the HOLD pin is “L”, the microcomputer is
placed in the hold state. While in the hold state, HLDA outputs a “L”
level. While the input level of the RDY pin is “L”, the microcomputer is in
the ready state. ALE output is indefinite.
Input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com