Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6V7 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 73Page - Renesas Technology Corp 6V7 Datasheet HTML 74Page - Renesas Technology Corp 6V7 Datasheet HTML 75Page - Renesas Technology Corp 6V7 Datasheet HTML 76Page - Renesas Technology Corp 6V7 Datasheet HTML 77Page - Renesas Technology Corp 6V7 Datasheet HTML 78Page - Renesas Technology Corp 6V7 Datasheet HTML 79Page - Renesas Technology Corp 6V7 Datasheet HTML 80Page - Renesas Technology Corp 6V7 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 298 page
background image
Rev.1.00
May 18, 2004
page 77 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Single-chip mode
Memory expansion mode
Transfer unit
Bus width
Access address
Microprocessor mode
No. of read
No. of write
No. of read No. of write
cycles
cycles
cycles
cycles
16-bit
Even
1
1
1
1
8-bit transfers
(BYTE= “L”)
Odd
1
1
1
1
(DMBIT= “1”)
8-bit
Even
—
—
1
1
(BYTE = “H”)
Odd
—
—
1
1
16-bit
Even
1
1
1
1
16-bit transfers
(BYTE = “L”)
Odd
2
2
2
2
(DMBIT= “0”)
8-bit
Even
—
—
2
2
(BYTE = “H”)
Odd
—
—
2
2
Table 2.9.2 No. of DMAC transfer cycles
2.9.2 DMAC Transfer Cycles
Any combination of even or odd transfer read and write addresses is possible. Table 2.9.2 shows the
number of DMAC transfer cycles.
The number of DMAC transfer cycles can be calculated as follows:
No. of transfer cycles per transfer unit = No. of read cycles ✕ j + No. of write cycles ✕ k
Internal memory
External memory
Internal ROM/RAM
SFR area
Separate bus Separate bus
/OSD RAM
No wait
With wait
12
1
2
Coefficient j, k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com