Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6V7 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 23Page - Renesas Technology Corp 6V7 Datasheet HTML 24Page - Renesas Technology Corp 6V7 Datasheet HTML 25Page - Renesas Technology Corp 6V7 Datasheet HTML 26Page - Renesas Technology Corp 6V7 Datasheet HTML 27Page - Renesas Technology Corp 6V7 Datasheet HTML 28Page - Renesas Technology Corp 6V7 Datasheet HTML 29Page - Renesas Technology Corp 6V7 Datasheet HTML 30Page - Renesas Technology Corp 6V7 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 298 page
background image
Rev.1.00
May 18, 2004
page 27 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.4.3 Bus Settings
The BYTE pin and bits 4 to 6 of the processor mode register 0 (address 000416) are used to change the
bus settings.
Table 2.4.1 shows the factors used to change the bus settings.
Bus setting
Switching factor
Switching external address bus width
Bit 6 of processor mode register 0
Switching external data bus width
BYTE pin
Table 2.4.1 Factors for switching bus settings
(1) Selecting external address bus width
The address bus width for external output in the 1M bytes of address space can be set to 16 bits (64K
bytes address space) or 20 bits (1M bytes address space). When bit 6 of the processor mode register
0 is set to “1”, the external address bus width is set to 16 bits, and P2 and P3 become part of the
address bus. P40 to P43 can be used as programmable I/O ports. When bit 6 of processor mode
register 0 is set to “0”, the external address bus width is set to 20 bits, and P2, P3, and P40 to P43
become part of the address bus.
(2) Selecting external data bus width
The external data bus width can be set to 8 or 16 bits. When the BYTE pin is “L”, the bus width is set
to 16 bits; when “H”, it is set to 8 bits. (The internal bus width is permanently set to 16 bits.)
While operating, fix the BYTE pin either to “H” or to “L.”
(3) Bus format
The bus format is separate bus .
• Separate bus
In this mode, the data and address are input and output separately. The data bus can be set using the
BYTE pin to be 8 or 16 bits. When the BYTE pin is “H”, the data bus is set to 8 bits and P0 functions as
the data bus and P1 as a programmable I/O port. When the BYTE pin is “L”, the data bus is set to 16
bits and P0 and P1 are both used for the data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com