Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6V7 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 29Page - Renesas Technology Corp 6V7 Datasheet HTML 30Page - Renesas Technology Corp 6V7 Datasheet HTML 31Page - Renesas Technology Corp 6V7 Datasheet HTML 32Page - Renesas Technology Corp 6V7 Datasheet HTML 33Page - Renesas Technology Corp 6V7 Datasheet HTML 34Page - Renesas Technology Corp 6V7 Datasheet HTML 35Page - Renesas Technology Corp 6V7 Datasheet HTML 36Page - Renesas Technology Corp 6V7 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 298 page
background image
Rev.1.00
May 18, 2004
page 33 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Table 2.4.7 Microcomputer status in hold state
Item
Status
Oscillation
ON
___
_____
_______
R/W signal, address bus, data bus, CS, BHE
Floating
Programmable I/O ports
P0, P1, P2, P3, P4, P5
Floating
P6, P7, P8, P9, P10
Maintains status when hold signal is received
__________
HLDA
Output “L”
Internal peripheral circuits
ON (but watchdog timer stops)
ALE signal
Undefined
(6) Hold signal
The hold signal is used to transfer the bus privileges from the CPU to the external circuits. Inputting “L”
__________
to the HOLD pin places the microcomputer in the hold state at the end of the current bus access. This
__________
__________
status is maintained and “L” is output from the HLDA pin as long as “L” is input to the HOLD pin. Table
2.4.7 shows the microcomputer status in the hold state.
__________
Bus-using priorities are given to HOLD, DMAC, and CPU in order of decreasing precedence.
Figure 2.4.6 Bus-using priorities
__________
HOLD > DMAC > CPU
(7) External bus status when internal area is accessed
Table 2.4.8 shows the external bus status when the internal area is accessed.
Table 2.4.8 External bus status when the internal area is accessed
(8) BCLK output
The output of the internal clock
φ can be selected using bit 7 of the processor mode register 0 (address
000416) (Note). The output is floating when bit 7 is set to “1”.
Note: Before attempting to change the contents of the processor mode register 0, set bit 1 of the
protect register (address 000A16) to “1”.
Item
SFR accessed
Internal ROM/RAM accessed
Address bus
Address output
Maintain status before accessed
address of external area
Data bus
When read
Floating
Floating
When write
Output data
Indefinite
RD, WR, WRL, WRH
RD, WR, WRL, WRH output
Indefinite
BHE
BHE output
Maintain status before accessed
status of external area
CS
Output "H"
Output "H"
ALE
Indefinite
Indefinite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com