Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35075-XXXFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M35075-XXXFP Datasheet HTML 1Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 4 of 44
REJ03B0180-0110
M35075-XXXFP
DAF
DAE
DAD
DAC
DAB
DAA
DA9
DA8
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
0BBBGBR
BLINK
B
G
R
C7
C6
C5
C4
C3
C2
C1
C0
0BBBGBR
BLINK
B
G
R
C7
C6
C5
C4
C3
C2
C1
C0
0BBBGBR
BLINK
B
G
R
C7
C6
C5
C4
C3
C2
C1
C0
0BBBGBR
BLINK
B
G
R
C7
C6
C5
C4
C3
C2
C1
C0
0
SPACE2 SPACE1 SPACE0 TEST10 DIV10
DIV9
DIV8
DIV7
DIV6
DIV5
DIV4
DIV3
DIV2
DIV1
DIV0
0
EXCK1 EXCK0 RSEL1 RSEL0
DIVS2
DIVS1
DIVS0
PTC7
PTC6
PTC5
PTC4
PTC3
PTC2
PTC1
PTC0
0
TEST17 TEST16 TEST15 TEST14 TEST13 TEST12 TEST11
PTD7
PTD6
PTD5
PTD4
PTD3
PTD2
PTD1
PTD0
0
TEST3
TEST2
TEST1
TEST0
HP10
HP9
HP8
HP7
HP6
HP5
HP4
HP3
HP2
HP1
HP0
0
TEST20
RBLK0
TEST19 TEST18
VP10
VP9
VP8
VP7
VP6
VP5
VP4
VP3
VP2
VP1
VP0
0
TEST23 TEST22 TEST21 DSP11 DSP10
DSP9
DSP8
DSP7
DSP6
DSP5
DSP4
DSP3
DSP2
DSP1
DSP0
0
TEST24 VSZ1H1 VSZ1H0 VSZ1L1 VSZ1L0 V1SZ1
V1SZ0
LIN9
LIN8
LIN7
LIN6
LIN5
LIN4
LIN3
LIN2
0
TEST25 VSZ2H1 VSZ2H0 VSZ2L1 VSZ2L0 V18SZ1 V18SZ0 LIN17
LIN16
LIN15
LIN14
LIN13
LIN12
LIN11
LIN10
0
TEST29 TEST32 HSZ20 TEST31 HSZ10 BETA14 TEST28 TEST27 TEST26
FB
FG
FR
RB
RG
RR
0
TEST30 BLINK2 BLINK1 BLINK0
DSPON
STOP
RAMERS
SYAD
BLK1
BLK0
POLH
POLV
VMASK
B/F
BCOL
MEMORY CONSTITUTION
Address 00016 to 11F16 are assigned to the display RAM, address
12016 to 12916 are assigned to the display control registers and
address 20016 to 2F116 are assigned to the RAM characters. The
internal circuit is reset and all display control registers (address
12016 to 12916) are set to "0" when the AC pin level is "L". And
then, RAM is not erased and be undefinited. For detail, see "DATA
INPUT EXAMPLE". Memory constitution is shown in Figure 1 to 9.
Fig.1 Memory constitution (Display RAM, Display Control register)
Addresses
Background
coloring
Blink-
ing
Character color
Character code
00016
00116
11E16
11F16
12016
12116
12216
12316
12416
12516
12616
12716
12816
12916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com