Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35075-XXXFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M35075-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 13Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 14Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 15Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 16Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 13 of 44
REJ03B0180-0110
M35075-XXXFP
(4) Address 12316
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
If HS is the horizontal display start location,
HS = T ✕ (
2nNPn+m)
T: Period of display frequency
2007 settings are possible.
m : offset value differ for the setting of the register EXCK0 and
EXCK1. It shown below.
10
Σ
n = 0
Register
DA
Function
Contents
Remarks
Status
HP0
HP1
HP2
HP3
HP4
HP5
HP6
HP7
HP8
HP9
HP10
TEST0
TEST1
TEST2
TEST3
Horizontal display start location is speci-
fied using the 11 bits from HP10 to HP0.
HP10 to HP0 = (000000000002) and
(000001001112) setting is forbidden.
HS*(shown left) shows horizontal dis-
play start location this is register B/F
(address 12916) = "0" is set.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
EXCK1
EXCK0
m
00
1
1
01
0
1
13
13
Do not set
19
OSD Display area
Note 2
HS
VS
HOR
Monitor Screen
Note 2
Note 2
Note 2
Notes 1.
_____
The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. Set up the horizontal and vertical display start location so that display range may not exceed it.
Set the character code "FF16" (blank without background) for the display RAM of the part which the display range exceeds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com