Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35075-XXXFP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M35075-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 13Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 14Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 15Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 16Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 17Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 14 of 44
REJ03B0180-0110
M35075-XXXFP
(5) Address 12416
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
Remarks
VP0
VP1
VP2
VP3
VP4
VP5
VP6
VP7
VP8
VP9
VP10
TEST18
TEST19
RBLK0
TEST20
If VS is the vertical display start location,
VS = H ✕
2nVPn
T: Cycle with the horizonal synchronizing pulse
2047 settings are possible.
The vertical start location is specified
using the 11 bits from VP10 to VP0.
VP10 to VP0 = (000000000002) setting
is forbidden.
HS*(shown left) shows horizontal dis-
play start location this is register B/F
(address 12916) = "0" is set.
.
Sets the blanking mode of RAM charac-
ter.
See DISPLAY FORM 2.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
Matrix-outline size.
Charcter size. (Note 3)
It should be fixed to "0".
Can not be used.
10
Σ
n = 0
_____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. Set up the horizontal and vertical display start location so that display range may not exceed it.
Set the character code "FF16" (blank without background) for the display RAM of the part which the display range exceeds.
3. The part of the appointed color by BR, BG and BB of the display RAM changes that the blanking is "OFF".
OSD Display area
Note 2
HS
VS
HOR
Monitor Screen
Note 2
Note 2
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com