Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35075-XXXFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M35075-XXXFP Datasheet HTML 1Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 2 of 44
REJ03B0180-0110
M35075-XXXFP
Symbol
CPOUT
VSS2
__
AC
__
CS
SCK/SCL
SIN/SDA
TCK
P6
P7
VDD1
NC
NC
HOR
VERT
VSS1
BIN
P0/BLNK0
P1/R
P2
P3/G
P4
P5/B
VDD2
NC
Input/
Output
Output
–
Input
Input
Input
Input
I/O
Input
Output
Output
–
–
–
Input
Input
–
Input
Output
Output
Output
Output
Output
Output
–
–
Function
Filter output. Connect loop filter to this pin.
Please connect to GND using circuit earthing pin.
When “L”, this pin resets the internal IC circuit. Hysteresis input. Built-in pull-up resistor.
<at the 16-bit serial communication>
Chip select pin. Set this pin to "L" level at serial data transfer. Hysteresis input. Built-in
pull-up resistor.
<at the I2C-BUS serial communication>
Set this pin to “H” level.
<at the 16-bit serial communication>
_____
SIN pin serial data is taken in when SCK rises at CS pin "L" level. Hysteresis input.
<at the I2C-BUS serial communication>
SDA pin serial data is taken in synchronized with SCL.
<at the 16-bit serial communication>
This is the pin for serial input of display control register and display RAM data. Hysteresis
input.
<at the I2C-BUS serial communication>
Hysteresis input. This is the pin for serial input of display control register and display
RAM data. Also this pin output acknowledge signal.
This is the pin for external clock input.
This is the output port.
This is the output port.
Please connect to +5V with the power pin.
This is NC pin. Please open this pin.
This is NC pin. Please open this pin.
This pin inputs the horizontal synchronous signal. Hysteresis input.
This pin inputs the vertical synchronous signal. Hysteresis input.
Please connect to GND using circuit earthing pin.
Test pin. Connect to 0V.
This pin can be toggled between port pin output and BLNK0 signal output.
This pin can be toggled between port pin output and R signal output.
This is the output port.
This pin can be toggled between port pin output and G signal output.
This is the output port.
This pin can be toggled between port pin output and B signal output.
Please connect to +5V with the power pin.
This is NC pin. Please open this pin.
Pin name
Filter output
Earthing pin
Auto-clear input
Chip select input
Clock input
Data input
Data I/O
External clock
Port P6 output
Port P7 output
Power pin
–
–
Horizontal synchro-
nous signal input
Vertical synchro-
nous signal input
Earthing pin
Test pin
Port P0 output
Port P1 output
Port P2 output
Port P3 output
Port P4 output
Port P5 output
Power pin
–
Pin
Number
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com