Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35075-XXXFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M35075-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 13Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 10 of 44
REJ03B0180-0110
M35075-XXXFP
DA
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
0
1
REGISTERS DESCRIPTION
Register
Status
Contents
Function
Remarks
DIV0
DIV1
DIV2
DIV3
DIV4
DIV5
DIV6
DIV7
DIV8
DIV9
DIV10
TEST10
SPACE0
SPACE1
SPACE
2
0
0
0
0
1
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
Number of Lines and Space
<(S) represents space>
12
1 (S) 10 (S) 1
2 (S) 8 (S) 2
3 (S) 6 (S) 3
4 (S) 4 (S) 4
5 (S) 2 (S) 5
6 (S) 6
6 (S)(S) 6
(S) represents one line worth of space
Leave one line worth of space in the ver-
tical direction.
For example, 6 (S) 6 indicates two sets
of 6 lines with a line of spaces between
lines 6 and 7.
A line is 18 ✕ N horizontal scan lines.
N is determined by the character size in
the vertical direction
It should be fixed to "0".
Can not be used.
SPACE2
Set division value (multiply value) of horizontal oscillation frequency.
N1 =
N1 : division value (multiply value)
10
Σ
n = 0
(DIVn ✕ 2n)
Set display frequency by division value
(multiply value) setting.
For details, see REGISTER
SUPPLEMENTARY DESCRIPTION
(1).
Also, set the display frequency range by
registers DIVS0, DIVS1, DIVS2, RSEL0
and RSEL1(address 12116) in accor-
dance with the display frequency.
Any of this settings above is required
only when EXCK1 = 0, EXCK0 = 1 and
EXCK1 = 1, EXCK0 = 1.
Note. The mark
around the status value means the reset status by the "L" level is input to AC pin.
(1) Address 12016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com