Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35075-XXXFP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M35075-XXXFP Datasheet HTML 21Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 22Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 23Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 24Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 25Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 26Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 27Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 28Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 25 of 44
REJ03B0180-0110
M35075-XXXFP
Fig. 16 Display form2
< Register BCOL = “0”, RBLK0 = “1”> (Note 1)
Note 1 : When register BCOL = "1", the raster range of the display modes set respectively by RBLK0 is colored by register RR, RG and RB
(address 12816) . And the blanking mode is set all blanking size (all raster size) independent of the RBLK0 settings.
Note 2 : The horizontal size of the full matrix-outline size can be set to 14 dots by register BETA14 (address 12816). BLNK0 can also be out-
put at 14 dots.
Note 3 : When display mode (setting by register BLK1, BLK0, DSPn) is Matrix-outline display or Matrix-outline border display, register
RBLK0= "1" setting (coloring prohibition color setting) is invalid.
12dots (Note 2)
RAM Character
ROM Character
12dots (Note 2)
RAM Character
ROM Character
12dots (Note 2)
RAM Character
ROM Character
12dots (Note 2)
RAM Character
ROM Character
R,GorB output
BLNK0 output
Scanning
R,GorB output
BLNK0 output
Scanning
Scanning
Scanning
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No. Character color
(Character unit)
.
BR, BG, BB of display RAM : Coloring prohibition
(Character unit)
color
Display mode
: Character display
(b)
(Character size)
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No. Character color
(Character unit)
BR, BG, BB of display RAM : Coloring prohibition
Border color
(Character unit)
color
Display mode
: Character display
(c)
(Character size)
Color setting
(RAM character setting)
(ROM character setting)
R, G, B of display RAM
: RAM character code No.
Character color
(Character unit)
BR, BG, BB of display RAM :
(Note 3)
Matrix-outline color
(Character unit)
Display mode
: Matrix-outline display
(d)
(Matrix-outline size)
(Note 3)
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No.
Character color
(Character unit)
BR, BG, BB of display RAM :
(Note 3)
Matrix-outline color
(Character unit)
FR, FG, FB of register
:
Border color
(Display unit)
Display mode
: Matrix-outline display
(a)
(Matrix-outline size)
(Note 3)
( ) is blanking mode.
Refer to DISPLAY FORM 1 about (a)-(d).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com