Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35075-XXXFP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M35075-XXXFP Datasheet HTML 20Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 21Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 22Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 23Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 24Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 25Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 26Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 27Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 24 of 44
REJ03B0180-0110
M35075-XXXFP
DISPLAY FORM 2
This IC can display both ROM character and RAM character at
the same time. The display form is shown in Figure 15 and 16.
Fig.15 Display form1
Continue to Next
Display mode
Matrix-outline display
Character display (Note1)
Matrix-outline display
Character display (Note1)
Blanking mode
Matrix-outline size
Character size (Note2)
All blanking size
All blanking size
RBLK0
0
1
0
1
BCOL
0
1
(1) RAM character blanking mode
R,GorB output
BLNK0 output
Scanning
12dots (Note 2)
RAM Character
ROM Character
R,GorB output
BLNK0 output
Scanning
Scanning
Scanning
12dots (Note 2)
RAM Character
ROM Character
12dots (Note 2)
RAM Character
ROM Character
12dots (Note 2)
RAM Character
ROM Character
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No. Character color
(Character unit)
BR, BG, BB of display RAM :
(Character unit)
Display mode
: Matrix-outline display
(b)
(Matrix- outline size)
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No.
Character color
(Character unit)
BR, BG, BB of display RAM :
Border color
(Character unit)
Display mode
: Matrix-outline display
(c)
(Matrix- outline size)
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No.
Character color
(Character unit)
BR, BG, BB of display RAM :
Matrix-outline color
(Character unit)
Display mode
: Matrix-outline display
(d)
(Matrix- outline size)
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No.
Character color
(Character unit)
BR, BG, BB of display RAM :
Matrix-outline color
(Character unit)
FR, FG, FB of register
:
Border color
(Display unit)
Display mode
: Matrix-outline display
(a)
(Matrix- outline size)
( ) is blanking mode.
Refer to DISPLAY FORM 1 about (a)-(d).
Note1: The part of the appointed color by BR, BG and BB of the display RAM changes that is not coloring.
Note2: The part of the appointed color by BR, BG and BB of the display RAM changes that the blanking is "OFF"
< Regiser BCOL = “0”, RBLK0 = “0”> (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com