Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35075-XXXFP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M35075-XXXFP Datasheet HTML 14Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 15Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 16Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 17Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 18Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 19Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 20Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 21Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 18 of 44
REJ03B0180-0110
M35075-XXXFP
(9) Address 12816
RR
RG
RB
FR
FG
FB
TEST26
TEST27
TEST28
BETA14
HSZ10
TEST31
HSZ20
TEST32
TEST29
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
Remarks
Sets the raster color of all blankings.
Set the blanking color of the Border
size, or the shadow size.
Charcter size setting in the horizontal
direction for the first line.
T: Display frequency cycle
Charcter size setting in the horizontal
direction for the 2nd line to 12th line.
T: Display frequency cycle
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
RB
0
0
0
0
1
1
1
1
RG
0
0
1
1
0
0
1
1
RR
0
1
0
1
0
1
0
1
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
FB
0
0
0
0
1
1
1
1
FG
0
0
1
1
0
0
1
1
FR
0
1
0
1
0
1
0
1
Matrix-outline display (12 ✕ 18 dot)
Matrix-outline display (14 ✕ 18 dot)
It should be fixed to "0".
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
Note. The mark
around the status value means the reset status by the "L" level is input to AC pin.
It should be fixed to “0”.
Can not be used.
It should be fixed to "0".
Can not be used.
HSZ10
0
1
Horizontal direction size
1T/dot
2T/dot
HSZ20
0
1
Horizontal direction size
1T/dot
2T/dot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com