Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS201AT Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD151TS201AT
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201AT Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD151TS201AT Datasheet HTML 2Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 3Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 4Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 5Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 6Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 7Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 8Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 9Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 6 of 28
Table2 Hardware Clock Frequency Table (MHz)
S2
S1
S0
CPU
3V66
66OUT[2:0]
3V66[4:0]
66IN
3V66_5
PCI
Note
0
0
0
66.67
66.67
66.67
66.67
33.33
Un-Buff Mode
0
0
1
100
66.67
66.67
66.67
33.33
Un-Buff Mode
0
1
0
200
66.67
66.67
66.67
33.33
Un-Buff Mode
0
1
1
133.33
66.67
66.67
66.67
33.33
Un-Buff Mode
1
0
0
66.67
66.67
66IN
66IN
66MHzIN/2
Buff Mode
1
0
1
100
66.67
66IN
66IN
66MHzIN/2
Buff Mode
1
1
0
200
66.67
66IN
66IN
66MHzIN/2
Buff Mode
1
1
1
133.33
66.67
66IN
66IN
66MHzIN/2
Buff Mode
Mid
0
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Tristate Mode
Mid
0
1
TCLK/2
TCLK/4
TCLK/4
TCLK/4
TCLK/8
Test Mode
Mid
1
0
150
50
50
50
25
Mid
1
1
166.67
55.5
55.5
55.5
27.7
Note:
TCLK is a test clock over driven on the XIN during test mode.
Table3 CPUCLK Outputs Specification
MULT0
(pin43)
Board Target
Trace/Term Z
Reference R,
Iref = VDD/(3Rr)
Output Current Ioh
Voh @Z
0
50
Ω
Rr=221 1% I_REF=5.00mA
4 x Iref
1.0V @50
Ω
150
Ω
Rr=475 1% I_REF=2.32mA
6 x Iref
0.7V @50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com