Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS201AT Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HD151TS201AT
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201AT Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HD151TS201AT Datasheet HTML 15Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 16Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 17Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 18Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 19Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 20Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 21Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 22Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 19 of 28
Pin Descriptions (cont.)
Pin name
No.
Type
Description
REF
56
OUTPUT
14.318MHz reference clock.
MULT0
43
INPUT
CPUCLK’s output current setting.
This pin is 150k
Ω internal pull-up.
PWRDWN#
25
INPUT
Power down pin. All circuits will be powered down.
(Output state of each output is shown in page Table.)
Asynchronous active low input pin used to power down the
device into low power state. The internal clocks are disabled
and VCO and the crystal are stopped.
USB48
39
OUTPUT
3.3V 48 MHz USB clock output.
DOT48
38
OUTPUT
3.3V 48MHz DOT clock output.
XIN
2
INPUT
XTAL input.
XOUT
3
OUTPUT
XTAL output. Don’t connect when an external clock is applied to
XIN.
SDATA
29
INPUT/
OUTPUT
Data input/output for I
2C logic.
This pin is internal pull-up to VDD by 150K
Ω resistor.
SCLK
30
INPUT
Clock input for I
2C logic.
This pin is internal pull-up to VDD by 150K
Ω resistor.
IREF
42
IN
A precision resistor is attached to this pin which is connected to
internal current reference. A resistor is connected between this
pin and GNDIREF.
3V66_0
33
OUTPUT
3.3 V 66 MHz clock.
3V66_1/VCH
35
OUTPUT
3.3V clock output selectable with SM Bus byte0, bit5.
When Byte0 bit5 is at logic”1”, this pin is 48 MHz clock output.
When Byte0 bit5 is at logic”0”, this pin is 66 MHz clock output.
Default is 66 MHz output.
66IN/3V66_5
24
IN/OUT
If S2 = 1, Input connection for 66OUT [2:0].
If S2 = 0, outputs fixed 66 MHz clock.
66OUT[2:0]/
3V66[4:2]
23,22,21
OUTPUT
If S2 = 1, Buffered copies of 66IN.
If S2=0, outputs fixed 66MHz clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com