Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS201AT Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HD151TS201AT
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201AT Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HD151TS201AT Datasheet HTML 14Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 15Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 16Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 17Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 18Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 19Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 20Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 21Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 18 of 28
Pin Descriptions
Pin name
No.
Type
Description
GND
4,9,15,20
31,36,41,47
Ground
GND pins
VDD
1,8,14,19
32,37,46,50
Power
Power supplies pins. Nominal 3.3 V.
VDDA
26
Power
Power supply for PLL core.
GNDA
27
Power
Power supply for PLL core.
CPUT[2:0]
45,49,52
OUTPUT
“True” clocks of differential pair CPUCLK.
These pins are HCSL output.
CPUC[2:0]
44,48,51
OUTPUT
“Complementary” clocks of differential pair CPUCLK.
These pins are HCSL output.
CPUSTOP#
53
INPUT
CPUCLK STOP pin. Active low input.
When asserted low, CPUT [2:0] clocks are synchronously
disabled in high state and CPUC [2:0] clocks are synchronously
disabled in a low state.
CPUSTOP# pin is 150 k
Ω internal pulled-up.
PCIF[2:0]
7,6,5
OUTPUT
Free running PCI clock 3.3 V output.
33 MHz clocks divided from 3V66.
PCI[6:0]
18,17,16,13
12,11,10
OUTPUT
3.3 V PCI clock outputs.
33 MHz clocks divided from 3V66.
PCISTOP#
34
INPUT
PCICLK STOP pin. Active low input.
When asserted low, PCI [6:0] clocks are synchronously
disabled in low state. This pin does not effect PCIF [2:0] clocks
outputs if they are programmed to be PCIF clocks via the
device’s SM Bus interface.
PCISTOP# pin is 150 k
Ω internal pulled-up.
S1, S0
55,54
INPUT
Frequency selects input. See frequency table2 in page5.
S2
40
INPUT
Frequency selects input. See frequency table2 in page5.
This pin is 3 level input.
VTT_PWRGD#
28
INPUT
Qualifying input that latches S [2:0] and MULT0. When this
input is at a logic low, the S[2:0] and MULT0 are latched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com