Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS201AT Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD151TS201AT
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201AT Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD151TS201AT Datasheet HTML 13Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 14Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 15Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 16Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 17Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 18Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 19Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 20Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 17 of 28
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VDD
–0.5 to 4.6
V
Input voltage
VI
–0.5 to 4.6
V
Output voltage *
1
VO
–0.5 to VDD
+0.5
V
Input clamp current
IIK
–50
mA
VI < 0
Output clamp current
IOK
–50
mA
VO < 0
Continuous output current
IO
±50
mA
VO = 0 to VDD
Maximum power dissipation
at Ta = 55°C (in still air)
0.7
W
Storage temperature
Tstg
–65 to +150
°C
Notes: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any
other conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
1. The input and output negative voltage ratings may be exceeded if the input and output clamp
current ratings are observed.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply voltage
VDD
3.00
3.3
3.465
V
Supply voltage
VDDA
3.00
3.3
3.465
V
DC input signal voltage
–0.3
—
VDD+0.3
V
High level input voltage
VIH
2.0
—
VDD+0.3
V
Low level input voltage
VIL
–0.3
—
0.8
V
Operating temperature
Ta
0
—
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com