Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS201AT Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HD151TS201AT
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201AT Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HD151TS201AT Datasheet HTML 12Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 13Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 14Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 15Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 16Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 17Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 18Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 19Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 16 of 28
I
2C Controlled Register Bit Map (cont.)
Byte20 PCI Skew Control Register 3
Bit
Description
Contents
Default
7
(Reserved)
0
6
PCI6 skew Early or Late
0
5
PCI5 skew Early or Late
0
4
PCI4 skew Early or Late
0
3
PCI3 skew Early or Late
0
2
PCI2 skew Early or Late
0
1
PCI1 skew Early or Late
0
0
PCI0 skew Early or Late
“0” = Early
“1” = Late
0
Byte21 Slew Rate Control Register
Bit
Description
Contents
Default
7
PCI clock slew rate controlbit1
0
6
PCI clock slew rate controlbit0
00 : Normal
10 : ++
01 : +
11 : –
0
5
PCIF clock slew rate controlbit1
0
4
PCIF clock slew rate controlbit0
00 : Normal
10 : ++
01 : +
11 : –
0
3
66OUT clock slew rate controlbit1
0
2
66OUT clock slew rate controlbit0
00 : Normal
10 : ++
01 : +
11 : –
0
1
3V66 clock slew rate controlbit1
0
0
3V66 clock slew rate controlbit0
00 : Normal
10 : ++
01 : +
11 : –
0
Byte22 Slew Rate Control Register
Bit
Description
Contents
Default
7
Reserved
1
6
Reserved
0
5
Reserved
1
4
Reserved
1
3
REF clock slew rate controlbit1
0
2
REF clock slew rate controlbit0
00 : Normal
10 : ++
01 : +
11 : –
0
1
VCH clock slew rate controlbit1
0
0
VCH clock slew rate controlbit0
00 : Normal
10 : ++
01 : +
11 : –
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com