Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS201AT Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD151TS201AT
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201AT Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD151TS201AT Datasheet HTML 3Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 4Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 5Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 6Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 7Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 8Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 9Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 10Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 7 of 28
Table4 Clock Power Management Truth Table
Byte0/bit6
Byte1/bit6
PWRDWN#
CPUSTOP#
*CPU
Stoppable
*CPU Free
Running
0011Run
Run
0010Iref*6
Run
0001Iref*2
Iref*2
0000Iref*2
Iref*2
0111Run
Run
0110Hi-Z
Run
0101Hi-Z
Iref*2
0100Hi-Z
Iref*2
1011Run
Run
1010Iref*6
Run
1001Hi-Z
Hi-Z
1000Hi-Z
Hi-Z
1111Run
Run
1110Hi-Z
Run
1101Hi-Z
Hi-Z
1100Hi-Z
Hi-Z
Note:
CPUT&C State are controlled by Byte1 (bit3,4,5)
Table5 PCISTOP# I
2C control Truth Table
PCISTOP# (pin34)
Byte0/bit3
Write bit
Byte0/bit3
Read bit (Internal status)
000
010
100
111
Table6 S2 pin Three Level Input
Logic Level
Min Voltage
Max Voltage
0 (Low)
0.8 V
Mid
1.0 V
1.8 V
1 (High)
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com