Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS201AT Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HD151TS201AT
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201AT Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HD151TS201AT Datasheet HTML 11Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 12Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 13Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 14Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 15Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 16Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 17Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 18Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 15 of 28
I
2C Controlled Register Bit Map (cont.)
Byte17 3V66 Skew Control Register
Bit
Description
Contents
Default
7
(Reserved)
0
6
(Reserved)
0
5
3V66 clock skew controlbit5
0
4
3V66 clock skew controlbit4
00 : Delay 0ps
11 : Ahead 500ps
01 : Delay 250ps
11 : Ahead 250ps
0
3
3V66 clock skew controlbit3
0
2
3V66 clock skew controlbit2
0
1
3V66 clock skew controlbit1
1
0
3V66 clock skew controlbit0
0100 : Delay 0ps
0101 : Delay 500ps
0011 : Ahead 500ps
0110 : Delay 1000ps
0010 : Ahead 1000ps
0111 : Delay 1500ps
0001 : Ahead 1500ps
1000 : Delay 2000ps
0000 : Ahead 2000ps
Don’t set 1001 to 1111
0
Byte18 PCI Skew Control Register 1
Bit
Description
Contents
Default
7
(Reserved)
0
6
(Reserved)
0
5
PCI clock skew controlbit5
0
4
PCI clock skew controlbit4
00 : Delay 0ps
10 : Ahead 500ps
01 : Delay 250ps
11 : Ahead 250ps
0
3
PCI clock skew controlbit3
0
2
PCI clock skew controlbit2
1
1
PCI clock skew controlbit1
1
0
PCI clock skew controlbit0
0100 : Delay 0ps
0101 : Delay 500ps
0011 : Ahead 500ps
0110 : Delay 1000ps
0010 : Ahead 1000ps
0111 : Delay 1500ps
0001 : Ahead 1500ps
1000 : Delay 2000ps
0000 : Ahead 2000ps
Don’t set 1001 to 1111
0
Byte19 PCI Skew Control Register 2
Bit
Description
Contents
Default
7
(Reserved)
0
6
PCI_F2 skew Early or Late
0
5
PCI_F1 skew Early or Late
0
4
PCI_F0 skew Early or Late
“0” = Early
“1” = Late
0
3
PCI clock skew controlbit3
0
2
PCI clock skew controlbit2
1
1
PCI clock skew controlbit1
0
0
PCI clock skew controlbit0
0100 : Delay 0ps
0101 : Delay 500ps
0011 : Ahead 500ps
0110 : Delay 1000ps
0010 : Ahead 1000ps
0111 : Delay 1500ps
0001 : Ahead 1500ps
1000 : Delay 2000ps
0000 : Ahead 2000ps
Don’t set 1001 to 1111
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com