Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS201AT Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD151TS201AT
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201AT Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD151TS201AT Datasheet HTML 4Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 5Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 6Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 7Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 8Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 9Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 10Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 11Page - Renesas Technology Corp HD151TS201AT Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 8 of 28
I
2C Controlled Register Bit Map
Byte0 Control Register
Bit
Description
Contents
Default
7
Spread spectrum Enable
“1” = SSC ON
“0” = SSC OFF
0
6
CPUCLK Power down mode setting.
See Table4.
See Table4
0
5
VCH (pin35) Select 66 MHZ or 48 MHz
“1” = 48 MHz
“0” = 66 MHz
0
4
CPUSTOP# status register
CPUSTOP# Reflects the current value of
external CPUSTOP# (pin53).
This bit is read only.
1
3
PCISTOP# Selection.
See Table5
Reflects the current value of the internal
PCISTOP# function when read. Internally
PCISTOP# is a logical AND function of the
internal SM Bus registers bit and the external
PCISTOP# (pin34).
1
2
Reflects the value of the S2 (pin40)
Frequency selects bit2, reflects the value of
S2 (pin40). This bit is read only.
X
1
Reflects the value of the S1 (pin55)
Frequency selects bit1, reflects the value of
S1 (pin55). This bit is read only.
X
0
Reflects the value of the S0(pin54)
Frequency selects bit0, reflects the value of
S0 (pin54). This bit is read only.
X
Byte1 Control Register
Bit
Description
Contents
Default
7
MULT0 (pin43) Value
MULT0 value. This bit is read only.
X
6
CPUCLK Power down mode setting.
See Table4.
See Table4
0
5
Control of CPU2 with CPUSTOP#
0
4
Control of CPU1 with CPUSTOP#
0
3
Control of CPU0 with CPUSTOP#
“1” = Free running
“0” = Not free running.
When this bit is “0”, CPUT/C outputs are affected
by CPUSTOP# pin.
0
2
CPUT2/C2 Enable register
1
1
CPUT1/C1 Enable register
1
0
CPUT0/C0 Enable register
“1” = Enabled
“0” = Disabled
(CPUT stops “High” & CPUC stops “Low”)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com