Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0042 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV0042
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0042 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV0042 Datasheet HTML 4Page - STMicroelectronics STV0042 Datasheet HTML 5Page - STMicroelectronics STV0042 Datasheet HTML 6Page - STMicroelectronics STV0042 Datasheet HTML 7Page - STMicroelectronics STV0042 Datasheet HTML 8Page - STMicroelectronics STV0042 Datasheet HTML 9Page - STMicroelectronics STV0042 Datasheet HTML 10Page - STMicroelectronics STV0042 Datasheet HTML 11Page - STMicroelectronics STV0042 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CIRCUIT DESCRIPTION
1 - Video Section
The composite video is first set to a standard level
by means of a 64 step gain controlled amplifier. In
the case that themodulation is negative,an inverter
can be switched in.
One of two different external video de-emphasis
networks (for instance PAL and NTSC) is select-
able by an integrated bus controlled switch.
Then energy dispersal is removed by a sync tip
clamping circuit, which is used on all inputs to a
video switching matrix, thus making sure that no
DC steps occur when switching video sources.
The matrix can be used to feed video to and from
decoders, VCR’s and TV’s.
Additionaly all the video outputs are tristate type
(high impedance mode is supported), allowing a
simple parallel connections to the scarts (Twin
tuner applications).
2 - Audio Section
The two audio channels are totally independent ex-
cept for the possibility given to output on both chan-
nels only one of the selected input audio channels.
To allow a very cost effective application, each
channel uses PLL demodulation. Neither external
complex filter nor ceramic filters are needed.
The frequency of the demodulated subcarrier is
chosen by a frequency synthesizer which sets the
frequency of the internal local oscillator by com-
paring
its phase with the internally generated
reference. When the frequency is reached, the
microprocessor switches in the PLL and the de-
modulationstarts. Atany moment the microproces-
sor can read from the device (watchdog registers)
the actual frequency to which the PLL is locked. It
can also verify that a carrier is present at the wanted
frequency(by reading AMPLK status bit) thanks to
a synchronous amplitude detector, which is also
used for the audio input AGC.
In order to maintain constant amplitude of the
recovered audio regardless of variations between
satellites or subcarriers, the PLL loop gain may be
programmed from 56 values.
Any frequency deviation can be accomodated
(from
±30kHz till ±400kHz).
In the typical application, the STV0042A offers two
audio de-emphasis 75
µs and 50µs. When required
a J17 de-emphasis can be implemented by using
specific applicationdiagram (see Application Note :
AN838, Chapter 4.2).
A dynamic noise reduction system (ANRS) is inte-
grated into the STV0042A using a lowpass filter,
the cut-off frequency of which is controlled by the
amplitude of the audio after insertion of a band-
pass filter.
Two types of audio outputs are provided : one is a
fixed 1VRMS and the other is a gain controlled
2VRMS max. The control range being from +12dB
to -26.75dBwith 1.25dB steps. This output can also
be muted.
A matrix is implemented to feed audio to and from
decoders VCR’s and TV’s.
Noise reduction system and de-emphasis can be
inserted or by-passed through bus control.
Also all the audio outputs are tristate-type (high
impedance mode is supported), allowing a simple
parallel connections to the scarts (Twin tuner
applications).
3 - Others
A 22kHz tone is generated for LNB control.
It is selectable by bus control and available on one
of the two pins connected to the external video
de-emphasis networks.
By means of the I
2C bus there is the possibility to
drive the ICs into a low power consumption mode
with active audio and video matrixes. Inde-
pendantly from the main power mode, each indi-
vidual audio and video output can be driven to high
impedance mode.
STV0042A
8/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com