Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0042 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV0042
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0042 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV0042 Datasheet HTML 11Page - STMicroelectronics STV0042 Datasheet HTML 12Page - STMicroelectronics STV0042 Datasheet HTML 13Page - STMicroelectronics STV0042 Datasheet HTML 14Page - STMicroelectronics STV0042 Datasheet HTML 15Page - STMicroelectronics STV0042 Datasheet HTML 16Page - STMicroelectronics STV0042 Datasheet HTML 17Page - STMicroelectronics STV0042 Datasheet HTML 18Page - STMicroelectronics STV0042 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
PIN INTERNAL CIRCUITRY (continued)
A GND L
Doubled bonded :
- One pad connected to the left VCO, dividers,
mixers and guard ring. the guard connection is
star connected directly to the pad.
- The second pad is connected to both AGC amps
and the deemphasis amplifiers, frequency syn-
thesis and FM deviation selection circuit for both
channels.
A 12V
Doubled bonded :
- One pad connected to the ESD and guard ring.
- The second pad is connected to the main power
for all of the audio parts.
A GND R
Boubled bonded :
- One pad connected to the right VCO, dividers,
mixers and guard ring. The guard connection is
star connected directly to the pad.
- The second pad is connected to the bias block,
audio noise reduction, volume, mux and ESD.
V 12V
V GND
Video Pads
V
DD 5V
GND 5V
Digital Pads
205
Ω
A GND L
A 12V
A GND R
Audio Pads
+
BIP
12V
-
Substrate
DZPN1
DZPN1
DZPN1
BIP 10vpl
Vpp
Vmm
Figure 25
A third bond wire on this pin is connected directly
to the die pad (substrate).
STV0042A
15/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com