Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0042 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV0042
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0042 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV0042 Datasheet HTML 16Page - STMicroelectronics STV0042 Datasheet HTML 17Page - STMicroelectronics STV0042 Datasheet HTML 18Page - STMicroelectronics STV0042 Datasheet HTML 19Page - STMicroelectronics STV0042 Datasheet HTML 20Page - STMicroelectronics STV0042 Datasheet HTML 21Page - STMicroelectronics STV0042 Datasheet HTML 22Page - STMicroelectronics STV0042 Datasheet HTML 23Page - STMicroelectronics STV0042 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
1st Step (Left) : SettingtheDemodulationParameters
A. The FM deviation is selected by loading R5 with
the appropriate value. (see R5 truth table).
NB : Very wide deviations (up to
±592kHz) can be
accomodated when R5 B5 is low.
Corresponding bandwidth can be calculated as
follows :
Bw
≈ 2 (FM deviation + audio bandwidth)
Bw
≈ 2 (value given in table + audio bandwidth)
In the example :
R5Bits 7654
32
1
0
XX1
1
0
1
1
0
B. The subcarrier frequency is selected by launching
afrequencysynthesis(theVCOisdrivento thewanted
frequency).This operationrequires two actions :
- To connect the VCO to the frequency synthesis
loop. Refering to the FM block diagram (page 12):
• SW4 closed ⇒ R6 B2 = H
• SW3 to bias ⇒ R6 B4 = L
• SW2 to bias ⇒ R6 B3 = L
• SW1 opened ⇒ R6 B5 = L
- To load R7 and R6 B6 B7 with the value corre-
sponding to the left channel frequency. This 10
bits value is calculated as follows :
Subcarrier frequency = coded value x 10kHz
(10kHz is the minimum step of the frequency
synthesis function) . Considering that the tunning
range is comprised between 5 to 10MHz, the
coded value is a number between 500 and 1000
(2
10 = 1024) then 10 bits are required.
Example :
7.02MHz = 702 x 10kHz
702
⇒ 1010 1111 10 ⇒ AF + 10
R7 is loaded with AF and R6 B6 : L, R6 B7 : H.
The Table 1 gives the setting for the most common
subcarrier frequencies.
2
nd Step (Left) : VCO FrequencyChecking (VCO)
This secondstepis actually a waiting loop in which the
actual running frequencyof the VCO is measured.
To exit of this loop is allowed when : Subcarrier
Frequency - 10kHz
≤ Measured Frequency ≤ Sub-
carrier Frequency+10kHz (
± 10kHzis the maximum
dispersion of the frequencysynthesis function).
In practice,R8 B2 B3 and R9 are readand compared
to the value loaded in R6 B6 B7 and R7
±1 bit.
Note :
The duration of this step depends on how large is
frequency difference between the start frequency
and the targeted frequency. Typically :
- the rate of change of the VCO frequencyis about
3.75MHz/s (Cpump =10
µF)
- In addition to this settling time, 100ms must be
added to take into account the sampling period of
the watchdog.
3
rd Step (Left)
The FM demodulationcan be startedbyconnecting
the VCO to the phase locked loop (PLL).
In practice :
- SW3 closed
⇒ R6 B4 = H
- SW4 opened
⇒ R6 B2 = L
After this sequence of 3 steps for left channel,
a similar sequence is needed for the right channel.
Note :
In thesequenceforthe right,thereis no needto again
select the FM deviation (once is enoughfor the pair).
General Remark
Before to enable the demodulated signal to the
audio output, it is recommandedto keep the muting
and to check whether a subcarrier is present at the
wanted frequency. Such an informationis available
in R8 B0 and R8 B4 which can be read.
Two different strategies can be adoptedwhen ena-
bling the output :
- Eitherbothleftandrightdemodulatedsignalsare simul-
taneouslyauthorizedwhenbothchannelare ready.
- Or while the right channel sequence is running, the
already ready left signal is sent to the left and right
outputsandthereal stereosoundL/Ris outputwhen
both channels are ready. This second option gives
sound a few hundredsof ms before the first one.
Table 1 : Frequency Synthesis Register Setting for
the Most Common Subcarrier Frequencies
Subcarrier Freq. (MHz)
Register 7
(Hex)
Register 6
Bit 7
Bit 6
5.58
8B
1
0
5.76
90
0
0
5.8
91
0
0
5.94
94
1
0
6.2
9B
0
0
6.3
9D
1
0
6.4
A0
0
0
6.48
A2
0
0
6.5
A2
1
0
6.6
A5
0
0
6.65
A6
0
1
6.8
AA
0
0
6.85
AB
0
1
7.02
AF
1
0
7.20
B4
0
0
7.25
B5
0
1
7.38
B8
1
0
7.56
BD
0
0
7.74
C1
1
0
7.85
C4
0
1
7.92
C6
0
0
8.2
CD
0
0
8.65
D8
0
1
FM DEMODULATION SOFTWARE ROUTINE (continued)
STV0042A
21/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com