Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0042 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0042
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0042 Datasheet(HTML) 1 Page - STMicroelectronics

  STV0042 Datasheet HTML 1Page - STMicroelectronics STV0042 Datasheet HTML 2Page - STMicroelectronics STV0042 Datasheet HTML 3Page - STMicroelectronics STV0042 Datasheet HTML 4Page - STMicroelectronics STV0042 Datasheet HTML 5Page - STMicroelectronics STV0042 Datasheet HTML 6Page - STMicroelectronics STV0042 Datasheet HTML 7Page - STMicroelectronics STV0042 Datasheet HTML 8Page - STMicroelectronics STV0042 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
STV0042A
SATELLITE SOUND AND VIDEO PROCESSORS
March 1997
PRODUCT PREVIEW
SHRINK42
(Plastic Package)
ORDER CODE : STV0042A
SOUND
.
TWO INDEPENDENT SOUND DEMODULATORS
.
PL L
DEMODULATION
WITH
5-10MHz
FREQUENCY SYNTHESIS
.
PROGRAMMABLE
FM
DEMODULATOR
BANDWIDTH ACCOMODATING FM DEVIA-
TIONS FROM
±30kHz TILL ±400kHz
.
PROGRAMMABLE 50/75
µs OR NO DE-EM-
PHASIS
.
DYNAMIC NOISE REDUCTION
.
ONE OR TWO AUXILIARY AUDIO INPUTS
AND OUTPUTS
.
GAIN
CONTROLLED
AND
MUTEABLE
AUDIO OUTPUTS
.
HIGH IMPEDANCE MODE AUDIO OUTPUTS
FOR TWIN TUNER APPLICATIONS
VIDEO
.
COMPOSITE VIDEO 6-bit 0 to 12.7dB GAIN
CONTROL
.
COMPOSITE
VIDEO
SELECTABLE
IN-
VERTER
.
TWO SELECTABLE VIDEO DE-EMPHASIS
NETWORKS
.
4 x 2 VIDEO MATRIX
.
HIGH IMPEDANCE MODE VIDEO OUTPUTS
FOR TWIN TUNER APPLICATIONS
MISCELLANEOUS
.
22kHz TONE GENERATION FOR LNB CONTROL
.
I
2C BUS CONTROL :
CHIP ADDRESSES = 06HEX
.
LOW POWER STAND-BY MODE WITH ACTIVE
AUDIO AND VIDEO MATRIXES
DESCRIPTION
The STV0042A BICMOS integrated circuit realizes
all the necessary signal processing from the tuner
to the Audio/Video input and output connectors
regardless the satellite system.
The STV0042 is intended for low cost satellite
receiver application.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
A GND R
FC L
PK OUT
I
REF
CPUMP R
U75 R
DET R
AMPLK R
A 12V
A 12V
V
REF
A GND L
AGC R
AMPLK L
U75 L
DET L
CPUMP L
GND 5V
V
DD 5V
XTL
SDA
SCL
AGC L
FM IN
S2 RTN R
S2 RTN L
B-BAND IN
V GND
CLAMP IN
VIDEEM1
V 12V
VIDEEM2/22kHz
UNCL DEEM
S2 OUT R
S2 OUT L
S2 VID RTN
VOL L
S2 VID OUT
S1 VID OUT
VOL R
SUM OUT
PK IN
FC R
PIN CONNECTIONS
1/24


Similar Part No. - STV0042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0056 STMICROELECTRONICS-STV0056 Datasheet
248Kb / 26P
SATELLITE SOUND AND VIDEO PROCESSORS
Sep-1996
STV0056 STMICROELECTRONICS-STV0056 Datasheet
223Kb / 27P
SATELLITE SOUND AND VIDEO PROCESSOR
Feb-1998
STV0056A STMICROELECTRONICS-STV0056A Datasheet
248Kb / 26P
SATELLITE SOUND AND VIDEO PROCESSORS
Sep-1996
STV0056AF STMICROELECTRONICS-STV0056AF Datasheet
223Kb / 27P
SATELLITE SOUND AND VIDEO PROCESSOR
Feb-1998
More results

Similar Description - STV0042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0056A STMICROELECTRONICS-STV0056A Datasheet
248Kb / 26P
SATELLITE SOUND AND VIDEO PROCESSORS
Sep-1996
STV0056AF STMICROELECTRONICS-STV0056AF Datasheet
223Kb / 27P
SATELLITE SOUND AND VIDEO PROCESSOR
Feb-1998
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
Oct-1993
logo
Micronas
MSP3400D MICRONAS-MSP3400D Datasheet
1Mb / 83P
Multistandard Sound Processors
logo
List of Unclassifed Man...
MSP3405D ETC-MSP3405D Datasheet
472Kb / 71P
Multistandard Sound Processors
logo
Siemens Semiconductor G...
TDA6151-5 SIEMENS-TDA6151-5 Datasheet
678Kb / 15P
Satellite-Video IC
logo
Sanyo Semicon Device
TSB6326C SANYO-TSB6326C Datasheet
275Kb / 1P
IF Filter for Video and Sound
logo
Rohm
BD3813KS ROHM-BD3813KS_1 Datasheet
439Kb / 18P
5.1ch Sound Processors
logo
Texas Instruments
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
DaVinci Video Processors
9900 TI-9900 Datasheet
5Mb / 104P
Video Display Processors
NOVEMBER 1982
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com