Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0042 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV0042
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0042 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV0042 Datasheet HTML 12Page - STMicroelectronics STV0042 Datasheet HTML 13Page - STMicroelectronics STV0042 Datasheet HTML 14Page - STMicroelectronics STV0042 Datasheet HTML 15Page - STMicroelectronics STV0042 Datasheet HTML 16Page - STMicroelectronics STV0042 Datasheet HTML 17Page - STMicroelectronics STV0042 Datasheet HTML 18Page - STMicroelectronics STV0042 Datasheet HTML 19Page - STMicroelectronics STV0042 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
I
2C PROTOCOL
1) WRITING to the chip
S-Start Condition
P-Stop Condition
CHIP ADDR - 7 bits. 06H
W-Write/Read bit is the 8th bit of the chip address.
A-ACKNOWLEDGE after receiving 8 bits of data/adress.
REG ADDR
Address of register to be written to, 8 bits of which bits 3, 4, 5, 6 & 7 are ’X’ or
don’t care ie
only the first 3 bits are used.
DATA
8 bits of data being written to the register. All 8 bits must be written to at the same
time.
REG ADDR/A/DATA/A
can be repeated, the write process can continue untill terminated with a STOP
condition. If the REG ADDR is higher than 07 then IIC PROTOCOL will still be
met (ie an A generated).
Example :
S06
W
A
00
A
55
A01
A
8F
A
P
2) READING from the chip
When reading, there is an auto-incrementfeature. This means any read command always starts by reading
Reg 8 and will continue to read the following registers in order after each acknowledge or until there is no
acknowledge or a stop. This function is cyclic that is it will read the same set of registers without
re-addressing the chip. There are two modes of operation as set by writing to bit 7 of register 0. Read 3
registers in a cyclic fashion or all 5 registers in a cyclic fashion. Note only the last 5 of the 11 registers can
be read.
Reg0 bit 7 = L
⇒ Start / chip add / R / A / Reg 8 / A/ Reg9 / A / Reg 0A / A/ Reg 8 / A / Reg 9 / A / Reg 0A
/... / P /
Reg0 bit 7 = H
⇒ Start / chip add / R / A / Reg 8 / A/ Reg 9 / A / Reg 0A / A / Reg 7 / A/ Reg 6 / A / Reg 8
/ A / Reg 9 / A / Reg 0A / A / Reg 7 / A / Reg 6 / ... / P /
CONTROL REGISTERS
Reg 0
write only
Bit (default 00HEX)
0
L
Select 5 bits audio volume control
00H = MUTE
1
L
Select 5 bits audio volume control
01H = -26.75dB
2
L
Select 5 bits audio volume control
: : : :
:
3
L
Select 5 bits audio volume control
1.25dB steps up to
4
L
Select 5 bits audio volume control
1FH = +12dB
5
L
Not to be used
6
L
Audio mux switch K3 - ANRS select (L = no ANRS, H = ANRS)
7
L
L = read 3 registers, H = read 5 registers
Reg 1
write only
Bit (default 00HEX)
0
L
Select video gain bits
1
L
Select video gain bits
00H = 0dB
2
L
Select video gain bits
01H = +0.202dB
3
L
Select video gain bits
02H = +0.404dB
4
L
Select video gain bits
n
= + 0.202 dB * n
5
L
Select video gain bits
3FH = + 12.73 dB
6
L
Selected video invert (H = inverted, L = non inverted)
7
L
Video deemphasis 1 / Video deemphasis 2 (L : VID De-em 1)
STV0042A
16/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com