Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0042 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV0042
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0042 Datasheet(HTML) 4 Page - STMicroelectronics

  STV0042 Datasheet HTML 1Page - STMicroelectronics STV0042 Datasheet HTML 2Page - STMicroelectronics STV0042 Datasheet HTML 3Page - STMicroelectronics STV0042 Datasheet HTML 4Page - STMicroelectronics STV0042 Datasheet HTML 5Page - STMicroelectronics STV0042 Datasheet HTML 6Page - STMicroelectronics STV0042 Datasheet HTML 7Page - STMicroelectronics STV0042 Datasheet HTML 8Page - STMicroelectronics STV0042 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
U75 L, U75 R
External deemphasis networks for channels left and
right. For each channel a capacitor and resistor in
parallel of 75
µs time constant are connectedbetween
hereandVREF to provide 75
µs de-emphasis.Internally
selectable is an internal resistor that can be pro-
grammedtobe addedin paralleltherebyconvertingthe
networkto approx50
µsde-emphasis(seecontrolblock
map).The value of theinternal resistors is 30k
Ω±30%.
Theamplifier forthisfilterisvoltageinput,currentoutput;
with
±500mVinputthe outputwill be ±55µA.
VOL L, VOL R
Themainaudiooutputfrom thevolumecontrolamplifier
the signal to get output signals as high as 2VRMS
(+12dB) on a DC bias of 4.8V.Control is from +12dBto
-26.75dB plus Mute with 1.25dB steps. This amplifier
has short circuit protection and is intended to drive a
SCART connector directly via AC coupling and meets
thestandardSCARTdriverequirements.Theseoutputs
featurehigh impedancemode for parallel connection.
S2 OUT L, S2 OUT R
These audio outputs are sourced directly from the
audioMUX, andas a result do not includeany volume
controlfunction.Theywill outputa1VRMS signalbiased
at4.8V.They are shortcircuit protected.Theseoutputs
feature high impedance mode for parallel connection
and meetSCART drive requirement.
S2 RTN L, S2 RTN R
These pins allow auxiliary audio signals to be con-
nected to the audio processor and hence makes
use of the on-chip volume control. For additional
details please refer to the audio switching table.
3 - Video Processing
B-BAND IN
AC-coupled video input from a tuner.
ZIN >10k
Ω ±25%. This drives an on-chipvideo ampli-
fier.TheotherinputofthisampisACgroundedbybeing
connectedto an internal VREF. The videoamplifierhas
selectablegain from 0dBto 12.7dBin 63 stepsand its
output signal can be selected normal or inverted.
UNCL DEEM
Deemphasized still unclamped output. It is also an
input of the video matrix.
VIDEEM1
Connected to an external de-emphasis network
(for instance 625 lines PAL de-emphasis).
VIDEEM2 / 22kHz
Connected to an external de-emphasis network
(for instance 525 lines NTSC or other video de-em-
phasis). Alternatively a precise 22kHz tone may be
output by I
2C bus control.
CLAMP IN
This pin clampsthemost negativeextremeof theinput
(the sync tips) to 2.7VDC (or appropriatevoltage). The
video at the clamp input is only 1VPP. This clamped
video which is de-emphasised, filtered and clamped
(energydispersalremoved) is normal, negativesyncs,
video. This signal drives the Video Matrix input called
Normal Video. It has a weak (1.0
µA ±15 %) stable
current source pulling the input towards GND. Other-
wise the input impedance is very high at DC to 1kHz
ZIN >2M
Ω. Video bandwidth through this is -1dB at
5.5MHz. The CLAMP input DC restore voltageis then
usedas a means for gettingthecorrect DC voltageon
the SCART outputs.
S2 VID RTN
External video input 1.0VPP AC coupled 75
source impedance. This input has a DC restoration
clamp on its input. The clamp sink current is 1
µA
±15% with the buffer ZIN >1MΩ. This signal is an
input to the Video Matrix.
S1 VID OUT, S2 VID OUT
Videodrivers for SCART 1 and SCART 2. An external
emitter follower bufferis required to drive a 150
Ω load.
The average DC voltage to be 1.5V on the O/P. The
signalis video2.0VPP 5.5MHzBW with synctip = 1.2V.
These pins get signals from the Video Matrix. The
signalselected from theVideo Matrix for outputon this
pin is controlled by a control register. This output also
featureahighimpedancemodeforparallelconnection.
V 12V
+12V double bonded : ESD+guard rings and video
circuit power.
V GND
Doubled bonded. Clean VID IN GND. Strategically
placed video power ground connection to reduce
video currents getting into the rest of the circuit.
4 - Control Block
GND 5V
The main power ground connection for the control
logic, registers, the I
2C bus interface, synthesizer
& watchdog and XTLOSC.
VDD 5V
Digital +5V power supply.
SCL
This is the I
2C busclock line. Clock= DC to 100kHz.
Requires external pull up eg. 10k
Ω to 5V.
SDA
This is the I
2C bus data line. Requires external pull
up eg. 10k
Ω to 5V.
XTL
This pin allows for the on-chip oscillator to be either
used with a crystal to ground of 4MHz or 8MHz, or
to be driven by an external clock source. The
external source can be either 4MHz or 8MHz. A
programmablebit in the control block removes a
÷2
block when the 4MHz option is selected.
PIN DESCRIPTION (continued)
STV0042A
4/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com