Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0042 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV0042
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0042 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV0042 Datasheet HTML 6Page - STMicroelectronics STV0042 Datasheet HTML 7Page - STMicroelectronics STV0042 Datasheet HTML 8Page - STMicroelectronics STV0042 Datasheet HTML 9Page - STMicroelectronics STV0042 Datasheet HTML 10Page - STMicroelectronics STV0042 Datasheet HTML 11Page - STMicroelectronics STV0042 Datasheet HTML 12Page - STMicroelectronics STV0042 Datasheet HTML 13Page - STMicroelectronics STV0042 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DC AND AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 12V, VDD =5V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
AUDIO OUTPUT (Pins VOL OUT R, VOL OUT L)
DCOL
DC Output Level
4.8
V
AOLN
Audio Output Level
with Reg 00 = 1A
FM input as for APA50
No de-emphasis, No pre-emphasis
No noise reduction
1.5
1.9
2.34
VPP
AOL50
Audio Output Level
with Reg 00 = 1A
FM input as for APA50
50
µs de-emphasis, 27kΩ//2.7nF load
No pre-emphasis, No noise reduction
2.0
3.3
4.0
VPP
AOL75
Audio Output Level
with Reg 00 = 1A
FM input as for APA50
75
µs de-emphasis, 27kΩ//2.7nF load
No pre-emphasis, No noise reduction
2.0
3.3
4.0
VPP
AMA1
Audio Output Attenuation
with Mute-on. Reg 00 = 00.
1VPP - 1kHz from S2 RTN Pins
60
65
dB
MXAT
Max Attenuation before Mute.
Reg 00 = 01.
1kHz, from S2 RTN Pins
32.75
dB
MXAG
Audio Gain. Reg 00 = 1F.
1kHz, from S2 RTN Pins
5
6
7
dB
ASTP
Attenuation of each of the 31 steps
1kHz
1.25
dB
THDA1
THD with Reg 00 = 1A
1VPP -1kHz from S2 RTN Pins
0.15
%
THDA2
THD with Reg 00 = 1A
2VPP -1kHz from S2 RTN Pins
0.3
1
%
THDFM
THD with Reg 00 = 1A
FM input as for APA50
75
µs de-emphasis, ANRS ON
0.3
1
%
ACS
Audio Channel Separation
1VPP -1kHz on S2 RTN Pins
60
74
dB
ACSFM
Audio Channel Separation at 1kHz
- 0.5 VPP - 50kHz deviation FM input on
one channel
- 0.5VPP no deviation FM input on the
other channel
- Reg 05 = 36HEX
-75
µs de-emphasis, no ANRS
60
dB
SNFM
Signal to Noise Ratio
FM input as for APA50,
75
µs de-emphasis,
no ANRS, Unweighted
56
dB
SNFMNR
Signal to Noise Ratio
FM input as for APA50
75
µs de-emphasis,
ANRS ON, Unweighted
69
dB
ZOUT L
ZOUT H
Audio Output Impedance
Low impedance mode
High impedance mode
30
18
44
55
Ω
k
Ω
AUXILIARY AUDIO OUTPUT (Pins S2 OUT R, S2 OUT L)
DCOLAO
DC output level
Aux. input pins open circuit
4.8
V
AOLNS
Audio Output Level on S2
FM input as for APA50
No de-emphasis, No pre-emphasis
No noise reduction
1.55
2
2.42
VPP
AOL50S
Audio Output Level on S2
FM input as for APA50
50
µs de-emphasis, 27kΩ//2.7nF load
No pre-emphasis, No noise reduction
2.0
3.4
4.0
VPP
AOL75S
Audio Output Level on S2
FM input as for APA50
75
µs de-emphasis, 27kΩ//2.7nF load
No pre-emphasis, No noise reduction
2.0
3.4
4.0
VPP
THDAOFM THD on S2
FM input as for APA50
75
µs de-emphasis, no ANRS
0.3
1
%
ZOUT L
ZOUT H
Audio Output Impedance
Low impedance mode
High impedance mode
30
60
44
100
55
Ω
k
Ω
STV0042A
10/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com