Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0042 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV0042
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0042 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV0042 Datasheet HTML 10Page - STMicroelectronics STV0042 Datasheet HTML 11Page - STMicroelectronics STV0042 Datasheet HTML 12Page - STMicroelectronics STV0042 Datasheet HTML 13Page - STMicroelectronics STV0042 Datasheet HTML 14Page - STMicroelectronics STV0042 Datasheet HTML 15Page - STMicroelectronics STV0042 Datasheet HTML 16Page - STMicroelectronics STV0042 Datasheet HTML 17Page - STMicroelectronics STV0042 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
750
µA
460
Ω
XTL
GND 0V
2
3
2
500
µA
5pF
460
Ω
3
750
µA
Figure 18
CPUMP L
CPUMP R
VCO Input
1
µA
1
µA
Loop Filter Tracking
100
µA
100
µA
Dig Synth
Figure 19
DET L
DET R
I1
I2
Figure 20
PIN INTERNAL CIRCUITRY (continued)
XTL
CPUMP L, CPUMP R
An offset on the PLL loop filter will cause an offset
in the two 1
µA currents that will prevent the PLL
from drifting-off frequency.
DET L, DET R
I2 - I1 = f (phase error).
AMPLK L, AMPLK R, AGC L, AGC R
I2 and I1 from the amplitude detecting mixer.
V
REF 2.4V
AMPLK L
AMPLK R
10k
Ω
I1
2
I2
160
µA
5
µA
AGC L
AGC R
To VCA
Figure 21
VREF
The 400
µA source is off during stand-by mode.
4
Vbg 1.2V
V
REF (2.4V)
10k
Ω
10k
Ω
GND 0V
400
µA
Figure 22
1
V
REF 2.4V
SUMOUT
50k
Ω
100
µA
49k
Ω
49k
Ω
Audio
Figure 23
1
V
REF 2.4V
PK IN
67k
Ω
100
µA
To Peak Det
Figure 24
SUMOUT
PK IN
V 12V
Doubled bonded (two bond wires and two pads for
one package pin) :
- One pad is connected to all of the 12V ESD and
video guard rings.
- The second pad is connected to power up the
video block.
V GND
Doubled bonded :
- One pad is connected to power-up all of the video
mux and I/O.
- The second pad is only as a low noise GND for
the video input.
VDD 5V, GND 5V
Connected to XTL oscillator and the bulk of the
CMOS logic and 5V ESD.
STV0042A
14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com