Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0196B Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV0196B
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV0196B Datasheet HTML 3Page - STMicroelectronics STV0196B Datasheet HTML 4Page - STMicroelectronics STV0196B Datasheet HTML 5Page - STMicroelectronics STV0196B Datasheet HTML 6Page - STMicroelectronics STV0196B Datasheet HTML 7Page - STMicroelectronics STV0196B Datasheet HTML 8Page - STMicroelectronics STV0196B Datasheet HTML 9Page - STMicroelectronics STV0196B Datasheet HTML 10Page - STMicroelectronics STV0196B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
II - ADC INTERFACE
II.1 - M_CLK Master Clock Input
This is the highest frequency clock of the chip, at
twice the symbol frequency; all other clocks are
derived from it.
This clock should be output from an external VCO
or VCXO, controlled by CLKREC output.
M_CLK divided by 60 is available to the system
(output D60).
II.2 - I and Q Signal Inputs
Those signals are coded on 6 bits, either in 2’s
complement or as positive values : the choice is
programmable via the Input Configuration register.
The
π/2 ambiguity inherentin QPSK is solved in the
Error Correction part.
A programmable bit in a mode register allows to
multiply by -1 the data on Q input, in order to
accommodate QPSK modulation with another con-
vention of rotation sense ; (this is equivalent to a
permutation of I and Q inputs, or a spectral sym-
metry).
III - NYQUIST ROOT FILTER
The I and Q components are filtered by a digital
Nyquist root filter with the following features :
- Input : separate I and Q streams, two samples per
symbol.
- Excess bandwidth : 0.35 in Mode A.
- The filters may be bypassed ; in this case, the
input flow is connected to the carrier and clock
recovery section.
Input Configuration Register
(the written value of each bit is the reset value)
Internal Address : Hex00
00000100
IV - TIMING RECOVERY
The timing loop comprises an external VCO
or VCXO, running at twice the symbol frequency,
controlled by the output CLKREC ; this signal is a
pulse density modulated output, at the symbol
frequency, and represents the filtered timing
error.
The loop is parametrised by two coefficients : al-
pha_tmg and beta_tmg ; the 12 bit filter output is
converted into a pulse density modulation signal
which should be filtered by an analog low pass filter
before commanding the VCO.
IV.1 - Timing Loop Registers
Time Constant Register
Internal Address : Hex0C
Reset Value : Hex45
Istr
1
0
0
0
1
0
1
Invert
bit
alpha_tmg (1 to 6)
beta_tmg (0 to 9)
The bit ”Istr” allows to change the polarity of the
output signal, in order to accommodate both pos-
sibilities of external VCO :
Istr
Loop Control
0
VCO frequency raises when output average
voltage raises
1
VCO frequency decreases when output
average voltage raises
Timing Frequency Register
Internal Address : Hex0D
Signed number
The value of this register, when the system is
locked, is an image of the frequencyoffset; it should
be as close as possible to 0 in order to have a
symmetric capture range ; reading it allows optimal
trimming of the timing VCO range.
IV.2 - Loop Equations
The external VCO is controlled by the output
CLKREC followed by a low pass filter.
The full analog swing of the output originates a
relative frequency shift of 2
∆f , depending on the
characteristics of the external VCO (typically a
fraction of percent).
The frequency range is therefore f = f0 (1
± ∆f).
Neglecting the analog low pass filter on the pulse
modulated output, this loop may be considered as
a second order loop.
FUNCTIONAL DESCRIPTION (continued)
STV0196B
7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com