Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0196B Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV0196B
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV0196B Datasheet HTML 12Page - STMicroelectronics STV0196B Datasheet HTML 13Page - STMicroelectronics STV0196B Datasheet HTML 14Page - STMicroelectronics STV0196B Datasheet HTML 15Page - STMicroelectronics STV0196B Datasheet HTML 16Page - STMicroelectronics STV0196B Datasheet HTML 17Page - STMicroelectronics STV0196B Datasheet HTML 18Page - STMicroelectronics STV0196B Datasheet HTML 19Page - STMicroelectronics STV0196B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
t
HIGH
t
LOW
t
M_CLK
2.0V
0.8V
t
F
t
R
M_CLK
Figure 4
t
60
D60
Figure 6
M_CLK
I,Q
t
SU
t
H
(V
IL +VIH)/ 2
Figure 5
CK_O UT
D[7:0], D/P .
S TR_OUT,
ERROR
t
CKH
t
CKS U
Figure 7
CK_OUT
D[7:0], D/P .
S TR_OUT,
ERROR
t
CKH
t
CKS U
Figure 8
t
BUF
t
LOW
t
HIGH
t
SP
t
HD,S TA
t
HD,DAT
t
F
t
R
t
S U,DAT
t
S U,S TA
t
S U,S TO
SDA
SC L
t
HD,S TA
Figure 9
STV0196B
16/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com