Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0196B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV0196B
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196B Datasheet(HTML) 3 Page - STMicroelectronics

  STV0196B Datasheet HTML 1Page - STMicroelectronics STV0196B Datasheet HTML 2Page - STMicroelectronics STV0196B Datasheet HTML 3Page - STMicroelectronics STV0196B Datasheet HTML 4Page - STMicroelectronics STV0196B Datasheet HTML 5Page - STMicroelectronics STV0196B Datasheet HTML 6Page - STMicroelectronics STV0196B Datasheet HTML 7Page - STMicroelectronics STV0196B Datasheet HTML 8Page - STMicroelectronics STV0196B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PIN LIST
Pin Number
Pin Name
Type
Pin Description
SIGNAL INPUTS
51, 52, 53, 54, 55, 56
I [5..0]
I
In Phase Component, at twice the symbol frequency (2Fs).
57, 58, 59, 60, 61, 62
Q [5..0]
I
In Quadrature Component, at twice the symbol frequency (2Fs).
48
M_CLK
I
Master Clock Input, 2Fs. Sampling Clock of the External A to D Converters.
FRONT END CONTROLS
46
CLKREC
O
1 Bit Control Signal for the External CLK VCO. It must be Low-pass Filtered.
44
AGC
O
1 Bit Control Signal for the External AGC. It must be Low-pass Filtered.
35
D60
O
M_CLK Divided by 60
SIGNAL OUTPUTS
26, 25, 24, 23,
22, 21, 20, 19
D [7..0]
O
Output Data
29
CK_OUT
O
Output Byte Clock
30
STR_OUT
O
Output Synchronization Byte Signal
33
D/P
O
Data/Parity Signal
34
ERROR
O
Output Error Signal. Set in Case of uncorrected Block.
I
2C MICRO INTERFACE
39
SCL
I
Serial Clock
40
SDA
I/O
Serial Data Bus
OTHER
47
MODE
I
0 = Mode A, 1 = Mode B
1, 2, 5, 6, 13, 14, 15,
16, 17, 18, 63, 64
TEST
O
Reserved for Manufacturing Test. It must remain unconnected
3, 7, 9, 11, 28, 32,
37, 41, 42, 49
VSS
I
Ground References
4, 8, 10, 12, 27,
31, 38, 43, 45, 50
VDD
I
3.3V Supply
36
NRES
I
Negative Reset
VITERBI DECODER
DEINTERLEAVER
REED SOLOMON DECODER
ENERGY DESCRAMBLER
NYQUIST
FILTER
DEROTATOR
AGC
LOCK
INDICATOR
DCO
TIMING
RECOVERY
CARRIER
OFFSET
MEASURE
CARRIER PHASE
TRACKING LOOP
DIVIDE BY 60
I2C BUS
INTERFACE
AGC
D/P
ERROR
STR_OUT
CK_OUT
I[5...0]
Q[5...0]
CLKREC
D60
M_CLK
SCL
SDA
MODE
V
DD
V
SS
D[7..0]
STV0196B
C/N
INDICATOR
BLOCK DIAGRAM
STV0196B
3/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com