Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0196B Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV0196B
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV0196B Datasheet HTML 7Page - STMicroelectronics STV0196B Datasheet HTML 8Page - STMicroelectronics STV0196B Datasheet HTML 9Page - STMicroelectronics STV0196B Datasheet HTML 10Page - STMicroelectronics STV0196B Datasheet HTML 11Page - STMicroelectronics STV0196B Datasheet HTML 12Page - STMicroelectronics STV0196B Datasheet HTML 13Page - STMicroelectronics STV0196B Datasheet HTML 14Page - STMicroelectronics STV0196B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
VIII - AGC CONTROL
The modulusof the input is compared to a program-
mable threshold; the difference is scaled by the
AGC coefficient, then integrated; the result is con-
verted into a pulse density modulation signal to
drive the AGC output ; it may be filtered by a simple
analogue filter to control the gain command of any
amplifier before the A to D converter.
The 8 integrator MSB’s may be read or written at
any time by the micro; when written, the LSB’s are
reset. The integrator value is the level of the AGC
output, after low pass filtering ; it gives an image of
the input signal power, whatever this signal is, and
can be used to point the antenna.
The coefficient may be reset by programmation; in
that case, the AGC reduces to a programmable
voltage synthesiser.
The AGC reference level ”m” value impacts the
value of the following functions :
- carrier to noise indicator (see paragraph VII)
- the carrier loop (see paragraph V.2)
- the timing loop (paragraph IV.2)
- carrier offset evaluator (paragraph VI)
Control Registers
Internal Addresses : Hex11
Iagc
0
0
1
1
0
0
0
Invert
signal
Reserved
AGC reference
level (”m”)
Internal Addresses : Hex12
AGC integrator value (signed)
(Read/write register)
Internal Addresses : Hex13
00000010
Reserved
G[2..0] :
AGC coefficient
The 8 bit signed value in the integrator is the image
of the AGC output; reading this value gives an
image of the RF signal power.
A constant error on the modulus leads to a ramp at
the output of the integrator with value :
AGC_Int = 2
AGC_Coeff-16 . error
As a consequence, for the reset conditions, a con-
stant signal of null value (error = 24) should cause
the output AGC duty cycle to go from 100% to 0%
in 2
22 symbol periods, or 8.7ms at 20MBauds.
If Iagc is set, the sign of the integrator is inverted.
IX - VITERBI DECODER AND SYNCHRONIZATION
The convolutives codes are generated by the
polynoms Gx = 171oct and Gy = 133oct.
The Viterbi decoder computes for each symbol the
metrics of the four possible paths, proportional to
the square of the Euclidian distance between the
received I and Q and the theoretical symbol value.
The puncture rate and phase are estimated on the
error rate basis.
Five rates are allowed and may be enabled/dis-
abled through register programming :
1/2, 2/3, 3/4,5/6, 7/8.
In Mode B, 7/8 is replaced by 6/7.
For each enabled rate, the current error rate is
compared to a programmable threshold; if it is
greater, anotherphase (or another rate) is tried until
the good rate is obtained.
A programmable hysteresis is added to avoid to
loose the phase during short term perturbation.
The rate may also be imposed by the external
software, and the phase is incremented only on
micro request ; the error rate may be read at any
time in order to use other algorithm than imple-
mented.
The decoder is accessed via a set of 9 registers :
Threshold Registers (VTH0 to VTH4)
Internal Address : Hex1 (VTH0) to 5 (VTH4)
Reset Value : Hex20
Threshold
Value
VTH0 0 Th6 Th5 Th4 Th3 Th2 Th1 Th0
rate 1/2
VTH1 0 Th6 Th5 Th4 Th3 Th2 Th1 Th0
rate 2/3
VTH2 0 Th6 Th5 Th4 Th3 Th2 Th1 Th0
rate 3/4
VTH3 0 Th6 Th5 Th4 Th3 Th2 Th1 Th0
rate 5/6
VTH4 0 Th6 Th5 Th4 Th3 Th2 Th1 Th0
rate 7/8
or 6/7
For each register, bits 6 to 0 represent an error rate
threshold : the average number of errors happen-
ing during 256 bit periods; the maximum program-
mable value is 127/256 (higher error rates are of
no practical use).
Puncture Rate Enable register
Internal Address : Hex09
Reset Value : Hex10 (Mode A)
0
0
0
E4E3E2E1E0
E4 : enablePuncturedRate 7/8(Mode A) or 6/7(Mode B)
E3 : enable Punctured Rate 5/6
E2 : enable Punctured Rate 3/4
E1 : enable Punctured Rate 2/3
E0 : enable Basic Rate 1/2
FUNCTIONAL DESCRIPTION (continued)
STV0196B
11/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com