Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0196B Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV0196B
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV0196B Datasheet HTML 15Page - STMicroelectronics STV0196B Datasheet HTML 16Page - STMicroelectronics STV0196B Datasheet HTML 17Page - STMicroelectronics STV0196B Datasheet HTML 18Page - STMicroelectronics STV0196B Datasheet HTML 19Page - STMicroelectronics STV0196B Datasheet HTML 20Page - STMicroelectronics STV0196B Datasheet HTML 21Page - STMicroelectronics STV0196B Datasheet HTML 22Page - STMicroelectronics STV0196B Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
A.2 - Scaling and Correction versus Puncture Rate
Scaling
This simple operation is recommended to easily
compare data which have been recorded under
different sensitivity conditions. To do so, the result
S of the C/N indication is multiplied by a coefficient
so that the scaled value would correspond to a
measure done with the highest counting period
(SN = 11).
Remark : Scaling is not done for results which have
beenrecordedafterchangingthe AGCreferencelevel.
Scaling operation : Scaled_value = (S) x (factor)
factor = 64 when C/N estimation is done with SN = 00
factor = 16 when C/N estimation is done with SN = 01
factor = 4 when C/N estimation is done with SN = 10
factor = 1 when C/N estimation is done with SN = 11
Correction versus puncture rate
This correction is not required when a reference
look-up table have been memorized for each pos-
sible puncture rate. When required, the correction
is done with respect to the puncture rate PRref of
the reference look-up table :
Scorrected
=(S) ⋅
PRcurrent
PRref
PR current : the puncture currently identified with
the bits 0,1,2 of VSTATUS register.
A.3 - Comparing with the look-up table
In the application the read value Srs (scaled and
corrected) will seldom exactly match a value of the
look-up table ; consequently there will be the need
for some interpolation.
To make it simple, a linear interpolation is preferred,
with such a solution a good precision can be
achieved when the look-up table is built with a small
step for the C/N (or Eb/No).
Interpolation
Generally Ssr will be between two values of the
reference look-up table : V(Min.)
≤ Ssr ≤ V(Max.),
with V(Min.) corresponding C/N(Max.) and V(Max.)
c or respondin g t o C / N(Min.) ( w it h t yp i ca l ly
(C/N(Max.)) - (C/N(Min.)) = 0.5dB).
The calculated C/N corresponding to Ssr is :
C
/N
= C/N(Max.) − C/N(Max.) − C/N(Min.)  ⋅
V(Min.) − Ssr
V(Min.) − V(Max.)
in above calculation C/N (or Eb/No) are given in
algebraic value (not in dB).
ANNEXE 1 : C/n ESTIMATION (continued)
STV0196B
20/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com