Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0196B Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV0196B
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV0196B Datasheet HTML 10Page - STMicroelectronics STV0196B Datasheet HTML 11Page - STMicroelectronics STV0196B Datasheet HTML 12Page - STMicroelectronics STV0196B Datasheet HTML 13Page - STMicroelectronics STV0196B Datasheet HTML 14Page - STMicroelectronics STV0196B Datasheet HTML 15Page - STMicroelectronics STV0196B Datasheet HTML 16Page - STMicroelectronics STV0196B Datasheet HTML 17Page - STMicroelectronics STV0196B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ABSOLUTE MAXIMUM RATINGS
Maximum limits indicate where permanent device damages occur, continuous operation at these limits is
not intended and should be limited to those conditions specified in section ”DC Electrical Specifications”.
Symbol
Parameter
Value
Unit
VDD
Power Supply (1)
-0.3 to 4
V
VI
Voltage on Input pins (2)
-0.3 to VDD + 0.3
V
Vo
Voltage on Output pins
-0.3 to VDD +0.3
V
Tstg
Storage Temperature
-40 to +150
oC
Toper
Operating Ambient Temperature
-10 to +85
oC
PD
Power Dissipation
1.5
W
Notes : 1. All VDD to be tied together
2. SCL, SDA, NRES Pins can be tied to 5V
± 10% with an impedance ≥ 2kΩ (remark in these conditions the input leakage current
becomes higher than 10
µA).
DC ELECTRICAL CHARACTERISTICS (VDD = 3.3V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
VDD
Operating Voltage
0
oC ≤ Toper ≤ 70oC
0
oC< Toper <85oC, M_CLK ≤ 55MHz
3.0
3.15
3.3
3.3
3.6
3.45
V
V
IDD
Average Power Supply Current
CLOAD = 20pF on all outputs,
M_CLK = 60MHz
300
480
mA
VIL
VIH
Input Logic Low Voltage except M_CLK
Input Logic High Voltage except M_CLK
M_CLK = 60MHz
-0.3
2.0
0.8
3.6
V
V
VIL
VIH
Input Logic Low Voltage for M_CLK
Input Logic High Voltage for M_CLK
M_CLK = 60MHz
-0.3
2.2
0.8
3.6
V
V
ILK
Input Leakage Current
VIN = 0V and VDD
10
µA
CIN
Input Capacitance
3.5
pF
VOL
VOH
Output Logic Low Voltage
Output Logic High Voltage
CLOAD = 20pF, ILOAD = 2mA,
M_CLK = 60MHz
2.4
0.5
V
V
Note :This product doesn’t withstand the MIL 883C Norm at 2kV, but only at 1.5kV (all VDD tied together).
TIMING CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
PRIMARY CLOCK (see Figure 4)
tM_CLK
Master Clock Period
0
oC ≤ Toper ≤ 70oC
0
oC< Toper <85oC
16.6
18.2
ns
ns
tHIGH
Clock High Time
6
ns
tLOW
Clock Low Time
6
ns
tR
Clock Rising Edge
4ns
tF
Clock Falling Edge
4ns
I[5:0],Q[5:0] INPUT SPECIFICATION S (see Figure 5)
tSU
I,Q stable before M_CLK
4
ns
tH
I,Q stable after M_CLK
4
ns
D60 OUTPUT CHARACTERISTICS (see Figure 6)
t60
D60 period
(Tm_clk * 60)
-10
(Tm_clk*60)
+10
ns
D[7:0],D/P,CK_OUT ,STR_OUT,ERROR OUTPUT CHARACTERISTICS
Bit RS1 = 1 in register RS ( adr = 0x0A) (see Figure 7)
tCKSU
D[7:0],D/P,STR_OUT,ERROR stable before CK_OUT Falling Edge
32
ns
tCKH
D[7:0],D/P,STR_OUT,ERROR stable after CK_OUT Falling Edge
32
ns
Bit RS1 = 0 in register RS ( adr = 0x0A) (see Figure 8)
tCKSU
D[7:0],D/P,STR_OUT,ERROR stable before CK_OUT Rising Edge
32
ns
tCKH
D[7:0],D/P,STR_OUT,ERROR stable after CK_OUT Rising Edge
32
ns
STV0196B
14/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com