Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0196B Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV0196B
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV0196B Datasheet HTML 15Page - STMicroelectronics STV0196B Datasheet HTML 16Page - STMicroelectronics STV0196B Datasheet HTML 17Page - STMicroelectronics STV0196B Datasheet HTML 18Page - STMicroelectronics STV0196B Datasheet HTML 19Page - STMicroelectronics STV0196B Datasheet HTML 20Page - STMicroelectronics STV0196B Datasheet HTML 21Page - STMicroelectronics STV0196B Datasheet HTML 22Page - STMicroelectronics STV0196B Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
C - RESULTS
The results reported in the following table are typical values. When evaluating another application some
differences may be especially noticed when Eb/No is higher than 10dB, in these conditions the charac-
teristics of the tuner and the A/D converter may influence the results.
Conditions : Puncture rate : 2/3, 20MBauds signal, DVB encoding (RS : 188/204), C/N =
Eb
No
2
⋅ (PR)
Eb/No (dB)
Measurement Conditions
S
S Scaled
SN bits (hex)
AGC, m (dec)
4
1
20
152
2.432
4.5
137
2.192
5
121
1.936
5.5
105
1.664
6
92
1.474
6.5
78
1.248
7
64
1.024
7.5
2
20
205
820
8
168
672
8.5
131
524
9
98
392
9.5
73
292
10
3
20
212
212
10.5
146
146
11
95
95
11.5
61
61
12
3
16
122
12.5
84
13
55
13.5
35
14
22
14.5
13
15
3
12
128
15.5
95
16
70
ANNEXE 1 : C/n ESTIMATION (continued)
STV0196B
22/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com