Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0196B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV0196B
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196B Datasheet(HTML) 4 Page - STMicroelectronics

  STV0196B Datasheet HTML 1Page - STMicroelectronics STV0196B Datasheet HTML 2Page - STMicroelectronics STV0196B Datasheet HTML 3Page - STMicroelectronics STV0196B Datasheet HTML 4Page - STMicroelectronics STV0196B Datasheet HTML 5Page - STMicroelectronics STV0196B Datasheet HTML 6Page - STMicroelectronics STV0196B Datasheet HTML 7Page - STMicroelectronics STV0196B Datasheet HTML 8Page - STMicroelectronics STV0196B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
FUNCTIONAL DESCRIPTION
I- I
2C BUS SPECIFICATION
This is the standard I
2C protocol.
The device address is ”1101000” ; the first byte is therefore Hex D0 for a write operation and Hex D1 for a
read operation.
I.1 - Write Operation
The first byte is the device address plus the direction bit (R/W = 0).
The second byte contains the internal address of the first register to be accessed.
The next byte is written in the internal register.
The following (if any) bytes are written in successive internal registers.
The transfer lasts until stop conditions are encountered.
The STV0196B acknowledges every byte transfer.
I.2 - Read Operation
The address of the first register to read is programmed in a write operation without data, and terminated
by stop condition.
Then another start is followed by the device address and R/W = 1 ; all successive bytes are now data read
at successive positions starting from the initial address.
The STV0196B acknowledges every byte transfer.
Example :
Write registers 0 to 3 with AA,BB,CC,DD
Start
Device Address,
Write D0
ACK
Internal
Address
ACK
Data
AA
ACK
Data
BB
ACK
Data
CC
ACK
Stop
Read registers 2 and 3
Start
Device Address,
Write D0
ACK
Register Address 01
ACK
Stop
Start
Device Address,
Read D1
ACK
Data Read
BB
ACK
Data Read
CC
ACK
Stop
I.3 - Identification Register
This read only register gives the release number of the circuit in order to ensure software compatibility.
The read value is Hex 83 for STV0196B and Hex 81 for STV0196.
Internal Address : Hex 0B
1
0
0
000
11
Notes : - Unspecified register addresses must not be used.
- All the unused bits in the registers must be programmed to 0.
STV0196B
4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com