Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7801SP Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV7801SP
Description  PLASMA DATA POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7801SP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV7801SP Datasheet HTML 4Page - STMicroelectronics STV7801SP Datasheet HTML 5Page - STMicroelectronics STV7801SP Datasheet HTML 6Page - STMicroelectronics STV7801SP Datasheet HTML 7Page - STMicroelectronics STV7801SP Datasheet HTML 8Page - STMicroelectronics STV7801SP Datasheet HTML 9Page - STMicroelectronics STV7801SP Datasheet HTML 10Page - STMicroelectronics STV7801SP Datasheet HTML 11Page - STMicroelectronics STV7801SP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
STV7801S
8/18
10 - AC TIME REQUIREMENTS
(Tamb = 25°C, Vdd=12 V, Vpp=90 V, Vsslog=Vssub=0 V, Vssp=0 V, unless otherwise specified)
11 - AC TIMING CHARACTERISTICS
(Tamb = 25°C, Vdd=12 V, Vpp=90 V, Vsslog=Vssub=0 V, Vssp=0 V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tLH
Low/High transition high level control
pulse
10
-
-
ns
tHL
High/Low transition high level control
pulse
10
-
-
ns
tH
Duration of high voltage clamp control
pulse at high level
10
-
-
ns
tL
Duration of low voltage clamp control
pulse at low level
10
-
-
ns
tHsetup
Set-up time of Vpp voltage clamp after
low to high transition
10
-
-
ns
tLsetup
Set-up time of
Vssp voltage clamp
after high to low transition
100
-
-
ns
tHhold
Hold time Vout low before high volt-
age clamp control pulse
TBD
tLhold
Hold time Vout high before low volt-
age clamp control pulse
TBD
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tON-LH
Delay of power output change after
recirculation low to high transition
Vpp=40V
-
140
-
ns
tON-HClmp
Delay of power output clamp at Vpp
after output stage high side ON
-
160
-
ns
tON-HL
Delay of power output change after
recirculation high to low transition
-
140
-
ns
tON-LClmp
Delay of power output clamp at GND
after output stage low side ON
-60
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com