Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7801SP Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV7801SP
Description  PLASMA DATA POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7801SP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV7801SP Datasheet HTML 10Page - STMicroelectronics STV7801SP Datasheet HTML 11Page - STMicroelectronics STV7801SP Datasheet HTML 12Page - STMicroelectronics STV7801SP Datasheet HTML 13Page - STMicroelectronics STV7801SP Datasheet HTML 14Page - STMicroelectronics STV7801SP Datasheet HTML 15Page - STMicroelectronics STV7801SP Datasheet HTML 16Page - STMicroelectronics STV7801SP Datasheet HTML 17Page - STMicroelectronics STV7801SP Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
STV7801S
15/18
15.3 Power recovery factor (PRF) for fixed rise (fall) time
Figure 9. PRF versus Cload and L values - Trise (fall) = 260ns, T=3.3
µs, BYW 80-200 diodes
Figure 10. PRF versus Cload and L values - Trise (fall) = 330ns, T=3.3
µs, BYW 80-200 diodes
30
40
50
60
70
80
90
100
110
Vpp (in V)
78
79
80
81
82
83
84
85
Cload=18.8nF, L=0.4uH
Cload=10.4nF, L=0.66uH
Cload=6.7nF , L=1.1uH
Cload=17nF, L=0.5uH
30
40
50
60
70
80
90
100
110
Vpp (in V)
80
81
82
83
84
85
86
Cload=18.8nF, L=0.66uH
Cload=11nF, L=1.0uH
Cload=8.7nF , L=1.3uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com