Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7801SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV7801SP
Description  PLASMA DATA POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7801SP Datasheet(HTML) 1 Page - STMicroelectronics

  STV7801SP Datasheet HTML 1Page - STMicroelectronics STV7801SP Datasheet HTML 2Page - STMicroelectronics STV7801SP Datasheet HTML 3Page - STMicroelectronics STV7801SP Datasheet HTML 4Page - STMicroelectronics STV7801SP Datasheet HTML 5Page - STMicroelectronics STV7801SP Datasheet HTML 6Page - STMicroelectronics STV7801SP Datasheet HTML 7Page - STMicroelectronics STV7801SP Datasheet HTML 8Page - STMicroelectronics STV7801SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
Revision 3.3
June 2000
1/18
STV7801S
PLASMA DATA POWER SWITCH
PRELIMINARY DATA
FEATURES
s
High Voltage - Low Power Pulse Generator
s
100V Absolute Maximum Supply
s
High Load Drive Capability (25nF)
s
5V Compatible Input Logic
s
Very Low Stand-by Current
s
Power Recovery High Current (±7A)
s
Totem Pole High Output Current (±5A)
s
Built-in Timing Control & Thermal Protection
s
BCD Technology
s
Packaging: Multiwatt 15, Power SO20
DESCRIPTION
STV7801 is a monolithic integrated circuit imple-
mented in STMicroelectronics BCD proprietary
technology designed as a switched power supply
generator for data drivers in a Plasma Display
Panel (P.D.P.) application.
The high load drive capability of the STV7801 re-
duces the number of devices necessary to drive a
complete PDP (4 to 6 devices for a 42” VGA 16/9
PDP monitor).
The STV7801 high current drive capability pro-
vides a high power recovery efficiency coefficient
superior to 85% on constant capacitive load.
To limit the number of external components, the
device integrates level shifters driven with 5V
CMOS compatible levels.
To increase the reliability of the system, the device
integrates several protections such as output
over-voltage, over-temperature, power-ON pro-
tection.
.
MULTIWATT 15 (Plastic Package)
ORDER CODE: STV7801S
20 leads
POWERSO20 (Plastic Package)
ORDER CODE: STV7801SP
Customer samples will be available
by september 2000
1


Similar Part No. - STV7801SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610 STMICROELECTRONICS-STV7610 Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7612/WAF STMICROELECTRONICS-STV7612/WAF Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7617 STMICROELECTRONICS-STV7617 Datasheet
124Kb / 17P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
More results

Similar Description - STV7801SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7699 STMICROELECTRONICS-STV7699 Datasheet
108Kb / 9P
PLASMA DISPLAY PANEL DATA DRIVER
Jan-1999
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
26-Feb-2004
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
logo
Fairchild Semiconductor
FSAV450 FAIRCHILD-FSAV450 Datasheet
1,017Kb / 11P
800MHz Quad SPDT LCD/Plasma Video Switch
logo
STMicroelectronics
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7618 STMICROELECTRONICS-STV7618 Datasheet
125Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
Apr-2002
STV7622 STMICROELECTRONICS-STV7622 Datasheet
313Kb / 32P
192 output plasma display panel data driver
29-May-2007
logo
MKS Instruments.
HMPX60Q MKS-HMPX60Q Datasheet
569Kb / 2P
High Power Microwave Plasma System
logo
Toshiba Semiconductor
42DPC85 TOSHIBA-42DPC85 Datasheet
3Mb / 28P
Plasma Monitor
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com