Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7801SP Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV7801SP
Description  PLASMA DATA POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7801SP Datasheet(HTML) 5 Page - STMicroelectronics

  STV7801SP Datasheet HTML 1Page - STMicroelectronics STV7801SP Datasheet HTML 2Page - STMicroelectronics STV7801SP Datasheet HTML 3Page - STMicroelectronics STV7801SP Datasheet HTML 4Page - STMicroelectronics STV7801SP Datasheet HTML 5Page - STMicroelectronics STV7801SP Datasheet HTML 6Page - STMicroelectronics STV7801SP Datasheet HTML 7Page - STMicroelectronics STV7801SP Datasheet HTML 8Page - STMicroelectronics STV7801SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STV7801S
5/18
4 - CIRCUIT DESCRIPTION
STV7801 is a monolithic integrated circuit imple-
mented in ST Microelectronics BCD proprietary
technology designed as a switched power supply
generator for data drivers in a Plasma Display
Panel (P.D.P.) application.
The high load drive capability of STV7801 reduces
the number of devices necessary to drive a com-
plete PDP (4 to 6 devices for a 42" VGA 16/9 PDP
monitor).
STV7801 high current drive capability provides a
high power recovery efficiency coefficient superior
to 85% on constant capacitive load. The structure
of the output stage is implemented with 2 DMOS
transistors to minimise the die size. External com-
ponents like bootstrap capacitor can also be im-
plemented to increase the performances of the cir-
cuit.
STV7801 integrates level shifters driven with 5V
CMOS compatible levels. This feature reduces the
number of discrete components such as voltage
translators.
STV7801 integrates several protections like output
over-voltage, timing control and over-temperature
to increase the reliability of the system.
Over-voltage protection consists in clamping di-
odes connected between Vpp, Vssp and critical
nodes of the devices.
Timing control consists in a monitoring of the out-
put stage control signals to avoid any cross-con-
duction.
Over-temperature protection is activated when
junction temperature reaches the threshold values
fixed internally and sets the device in tri-state
mode.
STV7801 can drive several data drivers connected
to column electrodes of the panel. The maximum
amount of data drivers is given by the Power Re-
covery Current of the device and then the maxi-
mum rise/fall time of the signal. The rise and fall
time of the AC supply signal is adjusted by the val-
ue of the inductance connected to the panel ca-
pacitance through the data drivers. The amount of
STV7801 needed to generate the AC supply can
be reduced by increasing the rise/fall time of the
generated AC supply.
5 - CONTROL SIGNALS TRUTH TABLE
18
Vpp
Supply
High Voltage Supply
19
Vpp
Supply
High Voltage Supply
20
Vssub
Ground
Substrate Ground
Pin Number
Pin Name
Function
Description
HL-Tr
LH-Tr
L-Clmp
H-Clmp
Device Output
Comments
L
H
L
L
Low to High Transition
Power Saving Mode
H
L
L
L
High to Low Transition
Power Saving Mode
LX
L
H
Vpp
Power Supply Clamp
XLH
L
Vssp
Power Ground Clamp
X
X
H
H
Tri-State
Protection Mode
XHHX
Tri-State
Protection Mode
H
X
X
H
Tri-State
Protection Mode
L
L
L
L
Tri-State
Protection Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com