Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7801SP Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV7801SP
Description  PLASMA DATA POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7801SP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV7801SP Datasheet HTML 10Page - STMicroelectronics STV7801SP Datasheet HTML 11Page - STMicroelectronics STV7801SP Datasheet HTML 12Page - STMicroelectronics STV7801SP Datasheet HTML 13Page - STMicroelectronics STV7801SP Datasheet HTML 14Page - STMicroelectronics STV7801SP Datasheet HTML 15Page - STMicroelectronics STV7801SP Datasheet HTML 16Page - STMicroelectronics STV7801SP Datasheet HTML 17Page - STMicroelectronics STV7801SP Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
STV7801S
17/18
PowerSO20
Note 5 “D” and “E1” do not include mold flash or protrusions
-Mold flash or protrusions shall not exceed 0.15mm (0.006inc.)
-Critical dimensions: “E”, “G” and “a3”
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.50
0.138
a1
0.20
0.275
0.008
0.011
a2
3.10
3.20
0.122
0.126
a3
0
0.075
0
0.003
b
0.42
0.50
0.0165
0.020
c
0.24
0.28
0.009
0.011
D(1)
15.85
15.95
0.624
0.628
D1
9.45
9.75
0.372
0.384
E
14.10
14.20
14.35
0.555
0.559
0.565
e
1.27
0.050
e3
11.43
0.450
E1(1)
10.85
11.05
0.431
0.435
E2
2.85
0.112
E3
5.85
6.15
0.230
0.242
G
0
0.075
0
0.003
H
15.55
15.85
0.612
0.624
h
0.039
L
0.85
1.05
0.033
0.041
M
2.10
2.30
0.083
0.090
N
9d.
9d.
R
0.30
0.012
S
3d.
5d.
7d.
3d.
5d.
7d.
T
10.00
0.394
DETAIL B
lead
DETAIL B
E1
E2
20
11
10
1
D
H
e3
DETAIL A
be
A
a2
N
N
M
a3
GAGE
PLANE
L
s
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com