Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7801SP Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV7801SP
Description  PLASMA DATA POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7801SP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV7801SP Datasheet HTML 7Page - STMicroelectronics STV7801SP Datasheet HTML 8Page - STMicroelectronics STV7801SP Datasheet HTML 9Page - STMicroelectronics STV7801SP Datasheet HTML 10Page - STMicroelectronics STV7801SP Datasheet HTML 11Page - STMicroelectronics STV7801SP Datasheet HTML 12Page - STMicroelectronics STV7801SP Datasheet HTML 13Page - STMicroelectronics STV7801SP Datasheet HTML 14Page - STMicroelectronics STV7801SP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
STV7801S
11/18
13 - APPLICATION DIAGRAM
The diodes for the recirculation current directly im-
pact the device performances. High Voltage di-
odes with recovery time inferior to 50ns are recom-
mended. Shorter recovery times will improve the
power efficiency of the application.
The rise and fall time of the output signal is adjust-
ed by the value of the inductance for a given ca-
pacitive load.
trise (tfall) is calculated by the following formula :
A 1nF bootstrap capacitor is recommended.
The bootstrap capacitor allows the output signal to
reach the Vpp value. For a given output level, the
power efficiency will be increased.
A 47
µF capacitor is recommended. The ripple on
the tank capacitor is reduced by increasing the
tank capacitor value.
Decoupling capacitors on the power supplies will
minimise the overshoots.
HL-Tr
Vpp
Out
PR
+90V
100
µF/160V
CBoot
1nF
DM-HL
Vsslog
Vdd
Vssp
100pF
10K
1
µH
DM-LH
1
15
14
6
7
8
9
10
11
12
13
Vpp
H-Clmp
100pF
10K
2
L-Clmp
100pF
10K
3
LH-Tr
100pF
10K
4
5
47
µF/160V
1
µF/160V
(eg pins 1, 2, 42, 66,
107,108 of STV7610A)
to Vpp pins
of data driver ICs
t
ri se
πxLxCload
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com