Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7801SP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV7801SP
Description  PLASMA DATA POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7801SP Datasheet(HTML) 4 Page - STMicroelectronics

  STV7801SP Datasheet HTML 1Page - STMicroelectronics STV7801SP Datasheet HTML 2Page - STMicroelectronics STV7801SP Datasheet HTML 3Page - STMicroelectronics STV7801SP Datasheet HTML 4Page - STMicroelectronics STV7801SP Datasheet HTML 5Page - STMicroelectronics STV7801SP Datasheet HTML 6Page - STMicroelectronics STV7801SP Datasheet HTML 7Page - STMicroelectronics STV7801SP Datasheet HTML 8Page - STMicroelectronics STV7801SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
STV7801S
4/18
3 - PIN DESCRIPTION
Multiwatt 15
PowerSO20
Pin Number
Pin Name
Function
Description
1
HL-Tr
Input
Power Recovery High Level/Low Level Transition
2
H-Clmp
Input
Main Switch High-Side Clamp Input
3
L-Clmp
Input
Main Switch Low-Side Clamp Input
4
LH-Tr
Input
Power Recovery Low Level/High Level Transition
5
PR-FPS
Input
Power Recovery Floating Supply
6
DM-HL
Input
Current Recirculation- Input Pin - High/Low Transition
7
PR
Output
Power Recirculation Output Stage
8
Vsslog
Ground
Logic Ground/Substrate Ground
9
DM-LH
Output
Current Recirculation- Output Pin - Low/High Transition
10
Vdd
Supply
Logic Supply
11
Vssp
Ground
Power Ground
12
Out
Output
Main Switch Output
13
CBoot
Input
Bootstrap Capacitor Input Pin
14
Vpp
Supply
High Voltage Supply
15
Vpp
Supply
High Voltage Supply
Pin Number
Pin Name
Function
Description
1
Vssub
Ground
Substrate Ground
2
HL-Tr
Input
Power Recovery High Level/Low Level Transition
3
H-Clmp
Input
Main Switch High-Side Clamp Input
4
L-Clmp
Input
Main Switch Low-Side Clamp Input
5
LH-Tr
Input
Power Recovery Low Level/High Level Transition
6
PR-FPS
Input
Power Recovery Floating Supply
7
PR-FPS
Input
Power Recovery Floating Supply
8
DM-HL
Input
Current Recirculation- Input Pin - High/Low Transition
9
PR
Output
Power Recirculation Output Stage
10
Vssub
Ground
Substrate Ground
11
Vsslog
Ground
Logic Ground/Substrate Ground
12
DM-LH
Output
Current Recirculation- Output Pin - Low/High Transition
13
Vdd
Supply
Logic Supply
14
Vssp
Ground
Power Ground
15
Vssp
Ground
Power Ground
16
Out
Output
Main Switch Output
17
CBoot
Input
Bootstrap Capacitor Input Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com