Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7801SP Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV7801SP
Description  PLASMA DATA POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7801SP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV7801SP Datasheet HTML 2Page - STMicroelectronics STV7801SP Datasheet HTML 3Page - STMicroelectronics STV7801SP Datasheet HTML 4Page - STMicroelectronics STV7801SP Datasheet HTML 5Page - STMicroelectronics STV7801SP Datasheet HTML 6Page - STMicroelectronics STV7801SP Datasheet HTML 7Page - STMicroelectronics STV7801SP Datasheet HTML 8Page - STMicroelectronics STV7801SP Datasheet HTML 9Page - STMicroelectronics STV7801SP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
STV7801S
6/18
6 - POWER ON SEQUENCE
If Vpp is switched ON before Vdd, the circuit remains in Tri-State mode until Vdd reaches Vdd threshold.
If Vddis switched ON before Vpp, the circuit remains in Tri-State mode until Vpp reaches Vpp threshold.
7 - ABSOLUTE MAXIMUM RATINGS
Note 1 Peak current as defined in Figure 1 on page 9
Note 2 These parameters are measured during ST’s internal qualification which includes temperature characterization
on standard and corner batches of the process. These parameters are not tested on the parts.
Remark: ESD susceptibility
Human body Model: 100pF, 1.5k
Ω
Vpp pin (14-15: Multiwatt 15) VESD= 200V
DM-LH pin (9: Multiwatt 15) VESD=400V
By connecting a 1nF decoupling capacitor, the circuit withstands VESD=2.2kV on all pins.
8 - THERMAL DATA
Note 3 Multilayer PCB.
Note 4 Package floating in the air.
Symbol
Parameter
Value
Unit
Vdd
Logic Supply Range
-0.3,+14
V
Vpp
Driver Supply Range
-0.3 , + 100
V
VIn
Logic Input Voltage Range
-0.3, Vdd+0.3
°C
Ih-Out
Main Switch High Side Current
-5
A
Il-Out
Main Switch Low Side Current
5
A
Ipr-Hi
Power Recovery Current (note1)-7
A
Ipr-Lo
Power Recovery current (note1)7
A
VCBoot-Vout
Difference between Boot voltage and output voltage
14
V
Tjmax
Maximum Junction Temperature (note2)
Internally
protected
°C
Top
Operating Temperature Range
-20, +70
°C
Tstg
Storage Temperature Range
-50, +150
°C
Symbol
Parameter
Value
Unit
PowerSO20
MW15
Rth(j-a)
Junction - Ambient Thermal Resistance
40(note3)
35 (note4)°C/W
Rth(j-c)
Junction - Case Thermal Resistance
+0.6, +2.5
-0.6, +2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com