Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV9410
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV9410 Datasheet HTML 5Page - STMicroelectronics STV9410 Datasheet HTML 6Page - STMicroelectronics STV9410 Datasheet HTML 7Page - STMicroelectronics STV9410 Datasheet HTML 8Page - STMicroelectronics STV9410 Datasheet HTML 9Page - STMicroelectronics STV9410 Datasheet HTML 10Page - STMicroelectronics STV9410 Datasheet HTML 11Page - STMicroelectronics STV9410 Datasheet HTML 12Page - STMicroelectronics STV9410 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
2.2. ADDRESSING SPACE
STV9410 registers, RAM and ROM are mapped in
a 12 kbytes addressing space. The mapping is the
following :
0000 h
6144 RAM
bytes
Display memory
DRCS
Descriptor tables
User memory
17FF h
1800 h
Empty
Area
1FFF h
2000 h
1280 slices
ROM G0
24FF h
2500 h
Empty
Area
27FF h
2800 h
1280 slices
ROM G1
2CFF h
2D00 h
Empty
Area
2FEF h
2FF0 h
Internal
Registers
2FFF h
2.2.1 Register Set
VERT
2FF1
LCD ILC
C/H
V/P VSE HSE
-
F8
2FF0
F7
F6
F5
F4
F3
F2
F1
F0
LCD
:
LCD/CRT mode
ILC
:
Interlaced/non-interlaced
C/H
:
Composite/horizontal synchro
V/P
:
Vertical synchro/real time port
VSE
:
Vertical synchro enable
HSE
:
Horizontal synchro enable
F (8:0)
:
Number of scan line per frame
HORI
2FF3
----
-
MG2 MG1 MG0
2FF2
-
-
L5
L4
L3
L2
L1
L0
MG (2:0) :
Margin duration
L (5:0)
:
Line duration
HSYN
2FF5
SU7 SU6 SU5 SU4 SU3 SU2 SU1 SU0
2FF4
SD7 SD6 SD5 SD4 SD3 SD2 SD1 SD0
SU (7:0) :
Synchro rising edge position
SD (7:0) :
Synchro falling edge position
POR
2FF7
VOE
-
-
-
-
-
TE
PV
2FF6
N7
N6
N5
N4
N3
N2
N1
N0
VOE
:
Video output enable
TE
:
Timer enable
PV
:
Port value
N (7:0)
:
Square wave period
ADDR
2FF9
-
P12 P11 P10
P9
P8
P7
P6
2FF8
-
G12 G11 G10
-
A12 A11 A10
P (12:6)
:
Address of first descriptor of page to display
G (12:10) :
User definable graphic character set address
A (12:10) :
User definable alphanumeric character set
address
DISP
2FFB
IMG GMG RMG BMG
-
-
-
HIC
2FFA
FLE CCE
IN1
IN2
BR3 BR2 BR1 BR0
IMG, GMG,
RMG, BMG
:
Margin value of I, G, R, B outputs
HIC
:
High contrast, forces black and white on
outputs
FLE
:
flashing enable
CCE
:
Conceal enable
IN1, IN0
:
Fast blanking mode
BR (3:0)
:
Luminosity adjustment on Y output
CURS
2FFD
CEN CBL CUL
-
C12 C11 C10
C9
2FFC
C8
C7
C6
C5
C4
C3
C2
C1
CEN
:
Cursor enable
CBL
:
Cursor blinking
CUL
:
Cursor underlining
C (12:1) :
Cursor address
STV9410
9/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com