Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV9410
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV9410 Datasheet HTML 9Page - STMicroelectronics STV9410 Datasheet HTML 10Page - STMicroelectronics STV9410 Datasheet HTML 11Page - STMicroelectronics STV9410 Datasheet HTML 12Page - STMicroelectronics STV9410 Datasheet HTML 13Page - STMicroelectronics STV9410 Datasheet HTML 14Page - STMicroelectronics STV9410 Datasheet HTML 15Page - STMicroelectronics STV9410 Datasheet HTML 16Page - STMicroelectronics STV9410 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TIMING DIAGRAM
DESIGNATION
COMMENTS
PIXEL CLOCK
Y OUTPUT
START
”HORT” MSB REG
”HORT” LSB REG
”HSYN” LSB REG
”HSYN” MSB REG
HSYN PULSE
0 Start
Margin
Active Area (320 pixels)
START
Margin
End of line
0
8pxlck Fixed
= (MG +1) x 8 x pxlck
= (L +1) x 8 x pxlck
= (SD + 1) x 2 x pxlck
= (SU + 1) x 2 x pxlck
0 = origin
DAC output
Crystal = 8MHz
pxlck = 125ns
Figure 8 : Horizontal Synchronization Timing
Video Validation and Port Register (PORT)
Internal address : 2FF7-2FF6 h
RESET value :00-00 h
(@ = RESET default configuration)
2FF7
VOE
----
-
TE
PV
@
0
0
000
000
2FF6
N7
N6
N5
N4
N3
N2
N1
N0
@
0
0
000
000
VOE
:
Video Output Enable
1 enable synchro & video outputs
0 disable synchro & video outputs @
(@ Output Y, CSYNC,VSYNC, R, G, B, I, POR,
and DF are grounded, Input SYNC IN is high
impedance)
TE
:
Timer Enable
1 POR provides a square wave signal with a
period of 16 x N(7:0) x pxlck
0 POR output is PV bit @
PV
:
Port Value
POR output value if TE=0 (@=0)
N(7:0)
:
Square wave period on POR if TE=1 (@=0)
BEWARE
The programmation of VERT, HORI, HSYN regis-
ters must be consistent. To get a proper work of the
controller, the following conditions must, in any
mode (CRT or LCD), be fulfiled :
-SU
≠ SD
-
SU
+ 1
4
< L and
SD
+ 1
4
<L
- 2(MG + 1) + 40
≤ L
Line period is :
-PL = [L(5:0) + 1] x 8 pxlck
- In LCD, MG(2:0) can be 0, then minimum Line
Period is PL (min.) = 43 x 8 pxlck
Frame period is :
-PF = [F(8:0) + 2] x PL
- In LCD, using a 240 lines matrix, F(8:0) = 238,
then minimum frame is :
PF (min.) = 240 x 43 x 8 pxclk
Pixel period is :
- Pxclk =
PFrame
[F
(8:0)+ 2 ][ L(5:0)+ 1] x 8
- I n LC D, u si ng a 240 li ne s m atr i x, an d
MG(2:0) = 0, Pxclk =
PFrame
240 x 43 x 8
Interlaced mode conditions :
-
SU
+ 1
4
and
SD
+ 1
4
<L
-
SU
+ 1
4
and
SD
+ 1
4
> (MG + 1) + 42
STV9410
13/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com